Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4244 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4244
Description  4 In/4 Out Audio CODEC with PCM and TDM Interfaces
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4244 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4244 Datasheet HTML 1Page - Cirrus Logic CS4244 Datasheet HTML 2Page - Cirrus Logic CS4244 Datasheet HTML 3Page - Cirrus Logic CS4244 Datasheet HTML 4Page - Cirrus Logic CS4244 Datasheet HTML 5Page - Cirrus Logic CS4244 Datasheet HTML 6Page - Cirrus Logic CS4244 Datasheet HTML 7Page - Cirrus Logic CS4244 Datasheet HTML 8Page - Cirrus Logic CS4244 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
Copyright
 Cirrus Logic, Inc. 2014
(All Rights Reserved)
http://www.cirrus.com
4 In/4 Out Audio CODEC with PCM and TDM Interfaces
DAC Features
Advanced multibit delta-sigma modulator
24-bit resolution
Differential or single-ended outputs
Dynamic range (A-weighted)
-109 dB differential
-105 dB single-ended
THD+N
-90 dB differential
-88 dB single ended
2 Vrms full-scale output into 3-k
 AC load
Rail-to-rail operation
ADC Features
Advanced multibit delta-sigma modulator
24-bit resolution
Differential inputs
-105 dB dynamic range (A-weighted)
-88 dB THD+N
2 Vrms full-scale input
System Features
TDM, left justified, and I²S serial inputs and outputs
I²C host control port
Supports logic levels between 5 and 1.8 V
Supports sample rates up to 96 kHz
Common Applications
Automotive audio systems
AV, Blu-Ray® Disc, and DVD receivers
Audio interfaces, mixing consoles, and effects
processors
General Description
The CS4244 provides four multibit analog-to-digital and
four multi-bit digital-to-analog
- converters and is
compatible with differential inputs and either differential
or single-ended outputs. Digital volume control, noise
gating, and muting is provided for each DAC path. A se-
lectable high-pass filter is provided for the 4 ADC inputs.
The CS4244 supports master and slave modes and
TDM, left-justified, and I²S modes.
This product is available in a 40-pin QFN package in
Automotive (-40°C to +85°C) and Commercial (0°C to
+70°C) temperature grades. The CDB4244 Customer
Demonstration Board is also available for device evalu-
ation and implementation suggestions. See “Ordering
Information” on page 64 for complete details.
AIN4 (±)
AIN3 (±)
AIN2 (±)
AIN1 (±)
I
2C Control
Data
Control Port
Level Translator
VL
1.8 to 5.0 VDC
RST
INT
SDOUT1
LDO
Analog Supply
2.5 V
VA
5.0 VDC
VDREG
Serial Audio Interface
SDOUT2
AOUT1 (±)
AOUT2 (±)
AOUT3 (±)
AOUT4 (±)
Serial Clock
In/Out
Master Clock In
Frame Sync
Clock / LRCK
SDIN1
SDIN2
Digital Filters
Multi-bit
 ADC
Interpolation
Filter
Multi-bit

Modulators
Channel Volume ,
Mute, Invert,
Noise Gate
DAC &
Analog
Filters
Master
Volume
Control
OCT ‘14
DS900F2
CS4244


Similar Part No. - CS4244

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 70P
   108 dB, 192 kHz 6-in, 8-out CODEC
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-In, 8-Out CODEC
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-In, 8-Out CODEC
CS42448-CQZ CIRRUS-CS42448-CQZ Datasheet
1Mb / 70P
   108 dB, 192 kHz 6-in, 8-out CODEC
CS42448-CQZ CIRRUS-CS42448-CQZ Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-In, 8-Out CODEC
More results

Similar Description - CS4244

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42432 CIRRUS-CS42432_06 Datasheet
1Mb / 59P
   108 dB, 192 kHz 4-In, 6-Out TDM CODEC
CS42432 CIRRUS-CS42432_07 Datasheet
1Mb / 58P
   108 dB, 192 kHz 4-In, 6-Out TDM CODEC
CS42432 CIRRUS-CS42432 Datasheet
1,004Kb / 62P
   108 dB, 192 kHz 4-in, 6-out TDM CODEC
CS42435 CIRRUS-CS42435 Datasheet
1Mb / 58P
   108 dB, 192 kHz 4-In, 8-Out TDM CODEC
CS42435 CIRRUS-CS42435_07 Datasheet
1Mb / 57P
   108 dB, 192 kHz 4-In, 8-Out TDM CODEC
logo
Shenzhen X-Powers Techn...
AC101 XPOWER-AC101 Datasheet
237Kb / 3P
   I2S/PCM Audio Interfaces Stereo CODEC
logo
Asahi Kasei Microsystem...
AK4753 AKM-AK4753 Datasheet
981Kb / 85P
   2-in, 4-out CODEC with DSP Functions
logo
Cirrus Logic
CS4207 CIRRUS-CS4207 Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
CS4207-CNZ CIRRUS-CS4207-CNZ Datasheet
923Kb / 148P
   Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
CS42L42 CIRRUS-CS42L42 Datasheet
3Mb / 184P
   Low-Power Audio Codec with SoundWire짰?밒2S/TDM and Audio Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com