Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8962B Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
Download  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 36Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 37Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 38Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 39Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 40Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 41Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 42Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 43Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 295 page
background image
WM8962
40
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R48 (30h)
Additional
Control (4)
14:12
MICDET_THR [2:0]
000
MICBIAS Current Detect Threshold
(AVDD = 1.8V)
000 = 64uA
001 = 166uA
010 = 375uA
011 = 475uA
100 = 575uA
101 = 680uA
110 = 885uA
111 = 990uA
Note that the value scales with
AVDD. The value quoted is correct
for AVDD=1.8V.
11:10 MICSHORT_THR [1:0]
00
MICBIAS Short Circuit Threshold
(AVDD = 1.8V)
00 = 515uA
01 = 680uA
10 = 1050uA
11 = 1215uA
Note that the value scales with
AVDD. The value quoted is correct
for AVDD=1.8V.
9
MICDET_ENA
0
MICBIAS Current and Short Circuit
Detect Enable
0 = Disabled
1 = Enabled
7
MICDET_STS
0
MICBIAS Current Detection status
0 = Current Detect threshold not
exceeded
1 = Current Detect threshold
exceeded
6
MICSHORT_STS
0
MICBIAS Short Circuit status
0 = Short Circuit threshold not
exceeded
1 = Short Circuit threshold
exceeded
Table 3 MICBIAS Current Detect
MICBIAS CURRENT DETECT FILTERING
The function of the filtering is to ensure that AC current spikes caused by ambient noise conditions
near the microphone do not lead to incorrect signalling of the microphone insertion/removal status or
the microphone hookswitch status.
Digital filtering of the hookswitch status ensures that the MICBIAS Short Circuit detection event is only
signalled if the MICSHORT_THR threshold condition has been met for 10 consecutive measurements.
In a typical application, microphone insertion would be detected when the MICBIAS current exceeds
the Current Detect threshold set by MICDET_THR.
When the MICD_IRQ_POL interrupt polarity bit is set to 0, then microphone insertion detection will
cause the MICD_EINT interrupt status register to be set.
(See “Interrupts” for details of these register
bits.)
For detection of microphone removal, the MICD_IRQ_POL bit should be set to 1. When the
MICD_IRQ_POL interrupt polarity bit is set to 1, then microphone removal detection will cause the
MICD_EINT interrupt status register to be set.


Similar Part No. - WM8962B

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
More results

Similar Description - WM8962B

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8961 WOLFSON-WM8961 Datasheet
1Mb / 116P
   Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960_11 Datasheet
1Mb / 91P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
Nuvoton Technology Corp...
NAU88L24 NUVOTON-NAU88L24 Datasheet
476Kb / 16P
   Ultra-Low Power Audio CODEC with Stereo Class D Drivers and Ground-Referenced Headphone Amplifier with Advanced Headset Detection
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com