Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL03-48S09 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # PDL03-48S09
Description  2:1 WIDE INPUT RANGE UP TO 3 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL03-48S09 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  PDL03-48S09 Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL03-48S09 Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL03-48S09 Datasheet HTML 3Page - Power Mate Technology Co., LTD PDL03-48S09 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2016/1/6
PDL03 SERIES
DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 3 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
UP TO 3000VDC INPUT TO OUTPUT ISOLATION
SMALL SIZE AND LOW PROFILE:
:0.86 X 0.36 X 0.44 INCH
LOW OUTPUT RIPPLE AND NOISE
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
3000VDC
ISOLATION
1600VDC
ISOLATION
REMOTE
CONTROL
SCP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µF
PDL03-05S3P3
4.5 ~ 9
3.3
700
45
75
3300
PDL03-05S05
4.5 ~ 9
5
600
45
79
1680
PDL03-05S09
4.5 ~ 9
9
333
55
80
1000
PDL03-05S12
4.5 ~ 9
12
250
55
81
820
PDL03-05S15
4.5 ~ 9
15
200
55
82
680
PDL03-05D05
4.5 ~ 9
±5
±300
55
78
±1000
PDL03-05D12
4.5 ~ 9
±12
±125
60
81
±470
PDL03-05D15
4.5 ~ 9
±15
±100
60
81
±330
PDL03-12S3P3
9 ~ 18
3.3
700
25
77
3300
PDL03-12S05
9 ~ 18
5
600
25
81
1680
PDL03-12S09
9 ~ 18
9
333
30
80
1000
PDL03-12S12
9 ~ 18
12
250
30
83
820
PDL03-12S15
9 ~ 18
15
200
30
83
680
PDL03-12D05
9 ~ 18
±5
±300
30
82
±1000
PDL03-12D12
9 ~ 18
±12
±125
30
83
±470
PDL03-12D15
9 ~ 18
±15
±100
30
83
±330
PDL03-24S3P3
18 ~ 36
3.3
700
16
76
3300
PDL03-24S05
18 ~ 36
5
600
16
82
1680
PDL03-24S09
18 ~ 36
9
333
17
82
1000
PDL03-24S12
18 ~ 36
12
250
18
83
820
PDL03-24S15
18 ~ 36
15
200
18
84
680
PDL03-24D05
18 ~ 36
±5
±300
17
80
±1000
PDL03-24D12
18 ~ 36
±12
±125
18
83
±470
PDL03-24D15
18 ~ 36
±15
±100
18
85
±330
PDL03-48S3P3
36 ~ 75
3.3
700
10
74
3300
PDL03-48S05
36 ~ 75
5
600
10
79
1680
PDL03-48S09
36 ~ 75
9
333
11
80
1000
PDL03-48S12
36 ~ 75
12
250
12
81
820
PDL03-48S15
36 ~ 75
15
200
12
82
680
PDL03-48D05
36 ~ 75
±5
±300
12
79
±1000
PDL03-48D12
36 ~ 75
±12
±125
12
82
±470
PDL03-48D15
36 ~ 75
±15
±100
12
83
±330


Similar Part No. - PDL03-48S09

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL03-48S09 P-DUKE-PDL03-48S09 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
RSG Electronic Componen...
PDL03-48S09 RSG-PDL03-48S09 Datasheet
179Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PDL03-48S09 P-DUKE-PDL03-48S09 Datasheet
335Kb / 4P
   DC-DC CONVERTER
PDL03-48S09W P-DUKE-PDL03-48S09W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
RSG Electronic Componen...
PDL03-48S09W RSG-PDL03-48S09W Datasheet
153Kb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - PDL03-48S09

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
UDH03 P-DUKE-UDH03_15 Datasheet
689Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
UDS03 P-DUKE-UDS03_15 Datasheet
685Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
SDH01 P-DUKE-SDH01_15 Datasheet
662Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
SDS02 P-DUKE-SDS02_15 Datasheet
720Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 WATTS
UDH01 P-DUKE-UDH01_15 Datasheet
679Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 Watts
PDL06 P-DUKE-PDL06 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
UDS02 P-DUKE-UDS02_15 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com