Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL09-24S3P3 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # PDL09-24S3P3
Description  2:1 WIDE INPUT RANGE UP TO 9 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL09-24S3P3 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  PDL09-24S3P3 Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL09-24S3P3 Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL09-24S3P3 Datasheet HTML 3Page - Power Mate Technology Co., LTD PDL09-24S3P3 Datasheet HTML 4Page - Power Mate Technology Co., LTD PDL09-24S3P3 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PDL09
3
www.PDUKE.com
2016/5/24
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
Standard Type
1600
Suffix ”M”
1600
Input (Output) to Case
Suffix ”M”
1000
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
Standard Type
50
Suffix ”M”
50
pF
Single
400
Switching frequency
Dual
500
kHz
Safety approvals
EN60950-1
UL60950-1
IEC60950-1
EN62368-1
UL62368-1
IEC62368-1
Case material
Standard Type
Non-conductive black plastic
Suffix ”M”
Copper
Base material
None
Potting material
Silicone (UL94 V-0)
Weight
Standard Type
4.8g (0.17oz)
Suffix ”M”
5.9g (0.21oz)
MTBF
MIL-HDBK-217F, Full load
Standard Type
2.696E+06 hrs
Suffix ”M”
2.939E+06 hrs
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating ambient temperature
3.3Vout
Standard type
Without derating
With derating
-40
+45
+45
+100
Suffix “M”
Without derating
With derating
-40
+50
+50
+100
Others
Standard type
Without derating
With derating
-40
+55
+55
+100
Suffix “M”
Without derating
With derating
-40
+60
+60
+100
Storage temperature range
-55
+125
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI(1)
EN55022
Class A,Class B
ESD
EN61000-4-2
Air ± 8kV and Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
20 V/m
Perf. Criteria A
Fast transient (2)
EN61000-4-4
± 2kV
Perf. Criteria A
Surge (2)
EN61000-4-5
± 2kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
Power frequency magnetic field
EN61000-4-8
100A/m continuous; 1000A/m 1 second
Perf. Criteria A
Note:
1.
The standard modules meet either EMI Class A or Class B with external components. For further information, please contact with P-DUKE.
2.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter Power Mate suggested:
The PDL09-12
& PDL09-24
recommended an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS
(SMDJ70A, 70V, 3000Watt peak pulse power) to connect in parallel.
The PDL09-48
recommended an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS (SMDJ120A,
120V, 3000Watt peak pulse power) to connect in parallel.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - PDL09-24S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL09-24S3P3W P-DUKE-PDL09-24S3P3W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
More results

Similar Description - PDL09-24S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL09W P-DUKE-PDL09W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
PDL03 P-DUKE-PDL03_15 Datasheet
445Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
SDH01 P-DUKE-SDH01_15 Datasheet
662Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
SDS02 P-DUKE-SDS02_15 Datasheet
720Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 WATTS
UDH01 P-DUKE-UDH01_15 Datasheet
679Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 Watts
UDH03 P-DUKE-UDH03_15 Datasheet
689Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL06 P-DUKE-PDL06 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
UDS02 P-DUKE-UDS02_15 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com