Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL03-24S05W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # PDL03-24S05W
Description  4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL03-24S05W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  PDL03-24S05W Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL03-24S05W Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL03-24S05W Datasheet HTML 3Page - Power Mate Technology Co., LTD PDL03-24S05W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2016/1/6
PDL03W SERIES
DC-DC CONVERTER
4:1 ULTRA WIDE INPUT RANGE
UP TO 3 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
UP TO 3000VDC INPUT TO OUTPUT ISOLATION
SMALL SIZE AND LOW PROFILE:
:0.86 X 0.36 X 0.44 INCH
LOW OUTPUT RIPPLE AND NOISE
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
3000VDC
ISOLATION
1600VDC
ISOLATION
REMOTE
CONTROL
SCP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µF
PDL03-12S3P3W
4.5 ~ 18
3.3
700
35
74
3300
PDL03-12S05W
4.5 ~ 18
5
600
40
78
1680
PDL03-12S09W
4.5 ~ 18
9
333
40
79
1000
PDL03-12S12W
4.5 ~ 18
12
250
40
80
820
PDL03-12S15W
4.5 ~ 18
15
200
40
80
680
PDL03-12D05W
4.5 ~ 18
±5
±300
40
80
±1000
PDL03-12D12W
4.5 ~ 18
±12
±125
40
80
±470
PDL03-12D15W
4.5 ~ 18
±15
±100
40
80
±330
PDL03-24S3P3W
9 ~ 36
3.3
700
20
75
3300
PDL03-24S05W
9 ~ 36
5
600
20
80
1680
PDL03-24S09W
9 ~ 36
9
333
19
80
1000
PDL03-24S12W
9 ~ 36
12
250
20
82
820
PDL03-24S15W
9 ~ 36
15
200
19
82
680
PDL03-24D05W
9 ~ 36
±5
±300
25
79
±1000
PDL03-24D12W
9 ~ 36
±12
±125
25
81
±470
PDL03-24D15W
9 ~ 36
±15
±100
25
81
±330
PDL03-48S3P3W
18 ~ 75
3.3
700
12
74
3300
PDL03-48S05W
18 ~ 75
5
600
12
80
1680
PDL03-48S09W
18 ~ 75
9
333
13
80
1000
PDL03-48S12W
18 ~ 75
12
250
14
81
820
PDL03-48S15W
18 ~ 75
15
200
14
81
680
PDL03-48D05W
18 ~ 75
±5
±300
14
79
±1000
PDL03-48D12W
18 ~ 75
±12
±125
14
81
±470
PDL03-48D15W
18 ~ 75
±15
±100
14
81
±330


Similar Part No. - PDL03-24S05W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL03-24S05W P-DUKE-PDL03-24S05W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
RSG Electronic Componen...
PDL03-24S05W RSG-PDL03-24S05W Datasheet
153Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PDL03-24S05W P-DUKE-PDL03-24S05W Datasheet
333Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - PDL03-24S05W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDS03W P-DUKE-PDS03W_15 Datasheet
516Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
SDH03W P-DUKE-SDH03W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 WATTS
SDS03W P-DUKE-SDS03W_15 Datasheet
607Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 WATTS
FKC08W P-DUKE-FKC08W_15 Datasheet
542Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 8 Watts
SDS05W P-DUKE-SDS05W_15 Datasheet
616Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
SDH02W P-DUKE-SDH02W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
FKC12W P-DUKE-FKC12W_15 Datasheet
510Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 12 Watts
LKC05W P-DUKE-LKC05W_16 Datasheet
1Mb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5 WATTS
PDL09W P-DUKE-PDL09W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
SDH05W P-DUKE-SDH05W Datasheet
604Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com