Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2594HVMX-3.3/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2594HVMX-3.3/NOPB
Description  SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2594HVMX-3.3/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM2594HVMX-3.3/NOPB Datasheet HTML 1Page - Texas Instruments LM2594HVMX-3.3/NOPB Datasheet HTML 2Page - Texas Instruments LM2594HVMX-3.3/NOPB Datasheet HTML 3Page - Texas Instruments LM2594HVMX-3.3/NOPB Datasheet HTML 4Page - Texas Instruments LM2594HVMX-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LM2594HVMX-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LM2594HVMX-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LM2594HVMX-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LM2594HVMX-3.3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Not to scale
1
NC
8
Output
2
NC
7
+VIN
3
NC
6
Ground
4
Feedback
5
ON/OFF
3
LM2594, LM2594HV
www.ti.com
SNVS118D – DECEMBER 1999 – REVISED MAY 2016
Product Folder Links: LM2594 LM2594HV
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
I = INPUT, O = OUTPUT
5 Description (continued)
A standard series of inductors (both through-hole and surface-mount types) are available from several different
manufacturers optimized for use with the LM2594xx series. This feature greatly simplifies the design of switch-
mode power supplies.
Other features include an ensured ±4% tolerance on output voltage under all conditions of input voltage and
output load conditions, and ±15% on the oscillator frequency. External shutdown is included, featuring typically
85-μA standby current. Self-protection features include a two stage frequency reducing current limit for the output
switch and an overtemperature shutdown for complete protection under fault conditions.
The LM2594HV is for applications requiring an input voltage up to 60 V.
6 Pin Configuration and Functions
D or P Package
8-Pin SOIC or PDIP
Top View
*No internal connection, but must be soldered to PCB for best heat transfer.
‡Patent Number 5,382,918.
Pin Functions(1)
PIN
I/O
DESCRIPTION
NO.
NAME
1, 2, 3
NC
No connection
4
Feedback
I
Senses the regulated output voltage to complete the feedback loop.
5
ON/OFF
I
Allows the switching regulator circuit to be shut down using logic level signals, thus dropping
the total input supply current to approximately 80 μA. Pulling this pin below a threshold
voltage of approximately 1.3 V turns the regulator on, and pulling this pin above 1.3 V (up to
a maximum of 25 V) shuts the regulator down. If this shutdown feature is not needed, the
ON/OFF pin can be wired to the ground pin or it can be left open, in either case the regulator
is in the ON condition.
6
Ground
Circuit ground.
7
+VIN
I
This is the positive input supply for the IC switching regulator. A suitable input bypass
capacitor must be present at this pin to minimize voltage transients and to supply the
switching currents needed by the regulator.
8
Output
O
Internal switch. The voltage at this pin switches between (+VIN − VSAT) and approximately
−0.5 V, with a duty cycle of VOUT/VIN. To minimize coupling to sensitive circuitry, the PCB
copper area connected to this pin must be kept to a minimum.


Similar Part No. - LM2594HVMX-3.3/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2594HVMX-3.3/NOPB TI1-LM2594HVMX-3.3/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594HVMX-3.3/NOPB TI1-LM2594HVMX-3.3/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594HVMX-3.3/NOPB TI1-LM2594HVMX-3.3/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594HVMX-3.3/NOPB TI1-LM2594HVMX-3.3/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results

Similar Description - LM2594HVMX-3.3/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
LM2592HV TI1-LM2592HV Datasheet
2Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com