Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC12-24S3P3 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # FKC12-24S3P3
Description  2:1 WIDE INPUT RANGE UP TO 12 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FKC12-24S3P3 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  FKC12-24S3P3 Datasheet HTML 1Page - Power Mate Technology Co., LTD FKC12-24S3P3 Datasheet HTML 2Page - Power Mate Technology Co., LTD FKC12-24S3P3 Datasheet HTML 3Page - Power Mate Technology Co., LTD FKC12-24S3P3 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2015/8/28
FKC12 SERIES
DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 12 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
STANDARD 1.25 X 0.80 X 0.40 INCH 24 PIN DIP AND SMD PACKAGE
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µF
FKC12-12S2P5
9 ~ 18
2.5
3500
50
82
2000
FKC12-12S3P3
9 ~ 18
3.3
3500
60
84
2000
FKC12-12S05
9 ~ 18
5.1
2400
53
86
2000
FKC12-12S12
9 ~ 18
12
1000
15
86
430
FKC12-12S15
9 ~ 18
15
800
17
86
300
FKC12-12D05
9 ~ 18
±5
±1200
24
82
±1250
FKC12-12D12
9 ~ 18
±12
±500
19
87
±200
FKC12-12D15
9 ~ 18
±15
±400
24
87
±120
FKC12-24S2P5
18 ~ 36
2.5
3500
36
83
2000
FKC12-24S3P3
18 ~ 36
3.3
3500
36
85
2000
FKC12-24S05
18 ~ 36
5.1
2400
35
87
2000
FKC12-24S12
18 ~ 36
12
1000
16
87
430
FKC12-24S15
18 ~ 36
15
800
17
87
300
FKC12-24D05
18 ~ 36
±5
±1200
15
83
±1250
FKC12-24D12
18 ~ 36
±12
±500
15
88
±200
FKC12-24D15
18 ~ 36
±15
±400
18
88
±120
FKC12-48S2P5
36 ~ 75
2.5
3500
10
83
2000
FKC12-48S3P3
36 ~ 75
3.3
3500
14
85
2000
FKC12-48S05
36 ~ 75
5.1
2400
23
87
2000
FKC12-48S12
36 ~ 75
12
1000
11
87
430
FKC12-48S15
36 ~ 75
15
800
5
87
300
FKC12-48D05
36 ~ 75
±5
±1200
6
83
±1250
FKC12-48D12
36 ~ 75
±12
±500
6
88
±200
FKC12-48D15
36 ~ 75
±15
±400
6
88
±120
PART NUMBER STRUCTURE
FKC12 - 48
S
05 - SMD
Series Name
Input
Output
Output
Mounting Type
Voltage
Quantity
Voltage
Option
(VDC)
(VDC)
12: 9~18
S:Single
2P5: 2.5
: DIP type
24:18~36
3P3: 3.3
SMD: SMD type
48:36~75
05: 5.1
12:12
15:15
D: Dual
05:± 5
12:±12
15:±15


Similar Part No. - FKC12-24S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FKC12-24S3P3 P-DUKE-FKC12-24S3P3 Datasheet
273Kb / 3P
   12 WATTS OUTPUT POWER
FKC12-24S3P3 P-DUKE-FKC12-24S3P3 Datasheet
535Kb / 4P
   DC-DC CONVERTER
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
532Kb / 3P
   DC-DC CONVERTER
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
510Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 12 Watts
More results

Similar Description - FKC12-24S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL03 P-DUKE-PDL03_15 Datasheet
445Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
SDH01 P-DUKE-SDH01_15 Datasheet
662Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
SDS02 P-DUKE-SDS02_15 Datasheet
720Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 WATTS
UDH01 P-DUKE-UDH01_15 Datasheet
679Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 Watts
UDH03 P-DUKE-UDH03_15 Datasheet
689Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL06 P-DUKE-PDL06 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
UDS02 P-DUKE-UDS02_15 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com