Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2574HVMX-12/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2574HVMX-12/NOPB
Description  SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2574HVMX-12/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM2574HVMX-12/NOPB Datasheet HTML 1Page - Texas Instruments LM2574HVMX-12/NOPB Datasheet HTML 2Page - Texas Instruments LM2574HVMX-12/NOPB Datasheet HTML 3Page - Texas Instruments LM2574HVMX-12/NOPB Datasheet HTML 4Page - Texas Instruments LM2574HVMX-12/NOPB Datasheet HTML 5Page - Texas Instruments LM2574HVMX-12/NOPB Datasheet HTML 6Page - Texas Instruments LM2574HVMX-12/NOPB Datasheet HTML 7Page - Texas Instruments LM2574HVMX-12/NOPB Datasheet HTML 8Page - Texas Instruments LM2574HVMX-12/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
LM2574, LM2574HV
SNVS104D – JUNE 1999 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM2574 LM2574HV
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Maximum supply voltage
LM2574
4.5
V
LM2574HV
63
ON/OFF pin input voltage
–0.3
VIN
V
Output voltage to ground, steady-state
–1
V
Power dissipation
Internally limited
Lead temperature, soldering (10 s)
260
°C
Maximum junction temperature
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage
LM2574
40
V
LM2574HV
60
TJ
Temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
(3)
Thermal resistances were simulated on a 4-layer, JEDEC board.
6.4 Thermal Information
THERMAL METRIC(1)(2)
LM2574, LM2574HV
UNIT
P (PDIP)
NPA (SOIC)
8 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance(3)
60.4
77.1
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
(3)
59.9
29.2
°C/W
RθJB
Junction-to-board thermal resistance(3)
37.9
33.3
°C/W
ψJT
Junction-to-top characterization parameter
17.1
2
°C/W
ψJB
Junction-to-board characterization parameter
37.7
32.8
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
(3)
°C/W


Similar Part No. - LM2574HVMX-12/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2574HVMX-12/NOPB TI1-LM2574HVMX-12/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
More results

Similar Description - LM2574HVMX-12/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574 TI1-LM2574 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com