Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25056 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM25056
Description  System Power Measurement IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25056 Datasheet(HTML) 3 Page - Texas Instruments

  LM25056_16 Datasheet HTML 1Page - Texas Instruments LM25056_16 Datasheet HTML 2Page - Texas Instruments LM25056_16 Datasheet HTML 3Page - Texas Instruments LM25056_16 Datasheet HTML 4Page - Texas Instruments LM25056_16 Datasheet HTML 5Page - Texas Instruments LM25056_16 Datasheet HTML 6Page - Texas Instruments LM25056_16 Datasheet HTML 7Page - Texas Instruments LM25056_16 Datasheet HTML 8Page - Texas Instruments LM25056_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
LM25056
www.ti.com
SNVS784A – JANUARY 2012 – REVISED APRIL 2013
PIN DESCRIPTIONS
Pin
Name
Description
Applications Information
No.
PAD
Exposed
Exposed pad of WQFN
No internal electrical connections. Solder to the ground plane to reduce thermal
Pad
package
resistance.
1
ADR2
SMBus address line 2
3 - state address line. Should be connected to GND, VDD, or left floating.
2
ADR1
SMBus address line 1
3 - state address line. Should be connected to GND, VDD, or left floating.
3
ADR0
SMBus address line 0
3 - state address line. Should be connected to GND, VDD, or left floating.
4
VDD
Internal sub-regulator
Internally sub-regulated 3.7V bias supply. Connect a 1 µF capacitor on this pin to ground
output
for bypassing. VDD can be driven from an external voltage for low voltage operation.
5
NC
No Connect
Not bonded to die. Can be connected to the ground plane.
6
NC
No Connect
Not bonded to die. Can be connected to the ground plane.
7
NC
No Connect
Not bonded to die. Can be connected to the ground plane.
8
VS-
Current sense input (-)
Negative IIN sense amplifer input. The voltage across the current sense resistor (RS) is
measured from VS+ to this pin.
9
VS+
Current sense input (+)
Positive IIN sense amplifier input. The voltage across the current sense resistor (RS) is
measured from this pin to VS-.
10
NC
No Connect
Not bonded to die. Can be connected to the ground plane.
11
VIN
Positive supply input
A small 0.1 µF ceramic bypass capacitor close to this pin is recommended. VIN is
measured from this pin.
12
ENABLE
Enable
Enable pin. This pin has a rising threshold of +1.2V to enable the LM25056. Lowering this
pin below the 75mV hysteresis from the +1.2V threshold will put the part into power down
mode.
13
VAUX
Auxiliary voltage input
Auxiliary pin allows voltage telemetry from an external source. Full scale input of 1.2V
14
NC
No Connect
Not bonded to die. Can be connected to the ground plane.
15
NC
No Connect
Not bonded to die. Can be connected to the ground plane.
16
NC
No Connect
Not bonded to die. Can be connected to the ground plane.
17
AGND
Analog ground
Connect analog ground to digital ground and then to a quiet system ground. Be sure to
avoid high current return ground lines.
18
NC
No Connect
Not bonded to die. Can be connected to the ground plane.
19
DGND
Digital ground
Connect analog ground to digital ground and then to a clean system ground. Be sure to
avoid high current return ground lines.
20
SDA
SMBus data pin
Data pin for SMBus.
21
SCL
SMBus clock
Clock pin for SMBus.
22
SMBA
SMBus alert line
Alert pin for SMBus. Active low.
23
VREF
Internal reference
Internally generated precision 2.82V reference used for analog to digital conversion.
Connect a 1 µF ceramic capacitor on this pin to ground for bypassing.
24
DIODE
External diode
Connect this to a diode-configured MMBT3904 NPN transistor for temperature monitoring.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN, VS-, VS+ to AGND/DGND
-0.3V to 24V
SCL, SDA, SMBA, ADR0, ADR1, ADR2, VDD, VAUX, DIODE, ENABLE to AGND/DGND
-0.3V to 6V
VS+ to VS-
-0.3V to +0.3V
ESD Rating(3)
Human Body Model
2kV
Storage Temperature
-65°C to +150°C
Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional. For specifications and conditions see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM25056


Similar Part No. - LM25056_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056A TI1-LM25056A Datasheet
934Kb / 39P
[Old version datasheet]   System Power Measurement IC
LM25056APSQ TI1-LM25056APSQ Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056APSQ/NOPB TI1-LM25056APSQ/NOPB Datasheet
934Kb / 39P
[Old version datasheet]   System Power Measurement IC
LM25056APSQE TI1-LM25056APSQE Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
More results

Similar Description - LM25056_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25056A TI1-LM25056A_16 Datasheet
934Kb / 39P
[Old version datasheet]   System Power Measurement IC
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056 TI1-LM25056 Datasheet
623Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
logo
Maxim Integrated Produc...
78M6631 MAXIM-78M6631 Datasheet
600Kb / 30P
   3-Phase Power-Measurement IC
Rev 1; 1/12
logo
Silergy Corp.
78M6631 SILERGY-78M6631 Datasheet
567Kb / 30P
   3-Phase Power-Measurement IC
logo
Maxim Integrated Produc...
78M6631_1204 MAXIM-78M6631_1204 Datasheet
475Kb / 30P
   3-Phase Power-Measurement IC
Rev 2; 4/12
logo
Toshiba Semiconductor
TC7739FTG TOSHIBA-TC7739FTG Datasheet
906Kb / 39P
   System power IC
2016-09-29
TC7738WBG TOSHIBA-TC7738WBG Datasheet
1Mb / 48P
   System Power IC
2016-11-17
logo
Agilent(Hewlett-Packard...
N4371A HP-N4371A Datasheet
256Kb / 4P
   RIN Measurement System
logo
Silergy Corp.
78M6613 SILERGY-78M6613 Datasheet
813Kb / 33P
   Single-Phase AC Power Measurement IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com