Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2593HV Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2593HV
Description  SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2593HV Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2593HV Datasheet HTML 5Page - Texas Instruments LM2593HV Datasheet HTML 6Page - Texas Instruments LM2593HV Datasheet HTML 7Page - Texas Instruments LM2593HV Datasheet HTML 8Page - Texas Instruments LM2593HV Datasheet HTML 9Page - Texas Instruments LM2593HV Datasheet HTML 10Page - Texas Instruments LM2593HV Datasheet HTML 11Page - Texas Instruments LM2593HV Datasheet HTML 12Page - Texas Instruments LM2593HV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9
LM2593HV
www.ti.com
SNVS082E – DECEMBER 2001 – REVISED MAY 2016
Product Folder Links: LM2593HV
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. Soft-Start
Figure 14. Shutdown/Soft-Start Current
Figure 15. Delay Pin Current
Figure 16. Soft-Start Response
Figure 17. Shutdown/Soft-Start Threshold Voltage
Figure 18. Internal Gain-Phase Characteristics


Similar Part No. - LM2593HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2593HVS-3.3 NSC-LM2593HVS-3.3 Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2593HVS-5.0 NSC-LM2593HVS-5.0 Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2593HVS-ADJ NSC-LM2593HVS-ADJ Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2593HVT-3.3 NSC-LM2593HVT-3.3 Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
More results

Similar Description - LM2593HV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2592HV TI1-LM2592HV Datasheet
2Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
LM2594 TI1-LM2594_16 Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com