Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2590HV Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2590HV
Description  SIMPLE SWITCHER Power Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2590HV Datasheet(HTML) 1 Page - Texas Instruments

  LM2590HV Datasheet HTML 1Page - Texas Instruments LM2590HV Datasheet HTML 2Page - Texas Instruments LM2590HV Datasheet HTML 3Page - Texas Instruments LM2590HV Datasheet HTML 4Page - Texas Instruments LM2590HV Datasheet HTML 5Page - Texas Instruments LM2590HV Datasheet HTML 6Page - Texas Instruments LM2590HV Datasheet HTML 7Page - Texas Instruments LM2590HV Datasheet HTML 8Page - Texas Instruments LM2590HV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
+
330 µF
CIN
CSS
0.1 µF
0.1 µF
CDELAY
LM2590HV
± 5.0
+VIN
1
3
7
Flag
10
+12V
Unregulated
DC Input
Error Flag
Shutdown/Soft - start
SD /SS
5 Delay
4 Gnd
2
6
Output
33 µH
+
D1
1N5824
Feedback
+5.0V
Regulated
Output
1A Load
COUT
220 µF
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM2590HV
SNVS084C – DECEMBER 2001 – REVISED JULY 2016
LM2590HV SIMPLE SWITCHER® Power Converter 150-kHz, 1-A Step-Down Voltage
Regulator
1
1 Features
1
3.3-V, 5-V, and Adjustable Output Versions
Adjustable Version Output Voltage Range, 1.2 V
to 57 V ±4% Max Over Line and Load Conditions
Ensured 1-A Output Load Current
Available in 7-Pin TO-220 and TO-263 (Surface-
Mount) Package
Input Voltage Range Up To 60 V
150-kHz Fixed Frequency Internal Oscillator
Shutdown and Soft-start
Out Of Regulation Error Flag
Error Flag Delay
Low Power Standby Mode, IQ: 90 µA (Typical)
High Efficiency
Thermal Shutdown And Current Limit Protection
2 Applications
Simple High-Efficiency Step-Down (Buck)
Regulators
Efficient Preregulator For Linear Regulators
On-Card Switching Regulators
Positive-To-Negative Converters
3 Description
The LM2590HV series of regulators are monolithic
integrated circuits that provide all the active functions
for a step-down (buck) switching regulator, capable of
driving a 1-A load with excellent line and load
regulation. These devices are available in fixed output
voltages of 3.3-V, 5-V, and an adjustable output
version.
This series of switching regulators is similar to the
LM2591HV with additional supervisory and control
features.
Requiring
a
minimum
number
of
external
components, these regulators are simple to use and
include internal frequency compensation, improved
line and load specifications, fixed-frequency oscillator,
Shutdown/Soft-start, output error flag and flag delay.
The LM2590HV operates at a switching frequency of
150 kHz thus allowing smaller sized filter components
than what would be needed with lower frequency
switching regulators. Available in a standard 7-pin
TO-220 package with several different lead bend
options, and a 7-pin TO-263 surface-mount package.
Other features include an ensured ±4% tolerance on
output voltage under all conditions of input voltage
and output load conditions, and ±15% on the
oscillator frequency. External shutdown is included,
featuring
90-µA
standby
current
(typical).
Self
protection features include a two stage current limit
for the output switch and an over temperature
shutdown
for
complete
protection
under
fault
conditions.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2590HV
TO-220 (7)
14.99 mm × 10.16 mm
TO-263 (7)
10.10 mm × 8.89 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application (Fixed Output Voltage Versions)


Similar Part No. - LM2590HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2590HV TI-LM2590HV Datasheet
727Kb / 22P
[Old version datasheet]   LM2590HV SIMPLE SWITCHERPower Converter 150 kHz 1A Step-Down Voltage
logo
National Semiconductor ...
LM2590HV-AQ NSC-LM2590HV-AQ Datasheet
885Kb / 22P
   SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2590HVS-3.3 NSC-LM2590HVS-3.3 Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
More results

Similar Description - LM2590HV

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LM2596-ADJ TI1-LM2596-ADJ Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
List of Unclassifed Man...
AE2596 ETC-AE2596 Datasheet
449Kb / 13P
   SIMPLE SWITCHER POWER CONVERTER
logo
National Semiconductor ...
LM2672M NSC-LM2672M Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
logo
Texas Instruments
LMR16030 TI1-LMR16030 Datasheet
161Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Converter
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   Simple Switcher
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com