Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2590HV Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM2590HV
Description  SIMPLE SWITCHER Power Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2590HV Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM2590HV Datasheet HTML 18Page - Texas Instruments LM2590HV Datasheet HTML 19Page - Texas Instruments LM2590HV Datasheet HTML 20Page - Texas Instruments LM2590HV Datasheet HTML 21Page - Texas Instruments LM2590HV Datasheet HTML 22Page - Texas Instruments LM2590HV Datasheet HTML 23Page - Texas Instruments LM2590HV Datasheet HTML 24Page - Texas Instruments LM2590HV Datasheet HTML 25Page - Texas Instruments LM2590HV Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
22
LM2590HV
SNVS084C – DECEMBER 2001 – REVISED JULY 2016
www.ti.com
Product Folder Links: LM2590HV
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
9.2.2 Detailed Design Procedure
9.2.2.1 Inductor Selection Procedure
For a quick-start, refer to the nomographs provided in Figure 33 to Figure 35. To widen the choices to a more
general selection of available inductors, the nomographs provide the required inductance and also the energy in
the core expressed in microjoules (µJ), as an alternative to just prescribing custom parts. The following points
need to be highlighted:
1. The energy values shown on the nomographs apply to steady operation at the corresponding x-coordinate
(rated maximum load current). However under start-up, without soft-start, or a short-circuit on the output, the
current in the inductor will momentarily/repetitively hit the current limit ICLIM of the device, and this current
could be much higher than the rated load, ILOAD. This represents an overload situation, and can cause the
Inductor to saturate (if it has been designed only to handle the energy of steady operation). However most
types of core structures used for such applications have a large inherent air gap (for example powdered iron
types or ferrite rod inductors), and so the inductance does not fall off too sharply under an overload. The
device is usually able to protect itself by not allowing the current to ever exceed ICLIM. But if the DC input
voltage to the regulator is over 40 V, the current can slew up so fast under core saturation, that the device
may not be able to act fast enough to restrict the current. The current can then rise without limit till
destruction of the device takes place. Therefore to ensure reliability, TI recommends that if the DC input
voltage exceeds 40 V the inductor must always be sized to handle an instantaneous current equal to ICLIM
without saturating, irrespective of the type of core structure or material.
2. Use Equation 2 to calculate the energy under steady operation.
where
L is in µH
IPEAK is the peak of the inductor current waveform with the regulator delivering ILOAD
(2)
These are the energy values shown in the nomographs. See Example 1.
3. The energy under overload is Equation 3.
(3)
If VIN > 40 V, the inductor must be sized to handle eCLIM instead of the steady energy values. The worst case
ICLIM for the LM2590HV is 3 A. The energy rating depends on the inductance. See Example 2.
4. The nomographs were generated by allowing a greater amount of percentage current ripple in the Inductor
as the maximum rated load decreases (see Figure 36). This was done to permit the use of smaller inductors
at light loads. However, Figure 36 shows only the median value of the current ripple. In reality there may be
a great spread around this because the nomographs approximate the exact calculated inductance to
standard available values. Refer to AN-1197 Selecting Inductors for Buck Converters (SNVA038) for detailed
calculations if a certain maximum inductor current ripple is required for various possible reasons. Also
consider the rather wide tolerance on the nominal inductance of commercial inductors.
5. Figure 35 shows the inductor selection curves for the Adjustable version. The y-axis is Et, in Vµsecs. It is the
applied volts across the inductor during the ON time of the switch (VIN-VSAT-VOUT) multiplied by the time for
which the switch is on in µsecs. See Example 3.
9.2.2.1.1
Example 1: VIN ≤ 40 V, 5-V Version, VIN = 24 V, Output = 5 V at 1 A
1. A first pass inductor selection is based upon Inductance and rated max load current. We choose an inductor
with the Inductance value indicated by the nomograph (see Figure 34) and a current rating equal to the
maximum load current. We therefore quick-select a 68-μH, 1-A inductor (designed for 150 kHz operation) for
this application
2. We must confirm that it is rated to handle 50 µJ (see Figure 34) by either estimating the peak current or by a
detailed calculation as shown in AN-1197 Selecting Inductors for Buck Converters (SNVA038), and also that
the losses are acceptable.
9.2.2.1.2
Example 2: VIN > 40 V, 5-V Version, VIN = 48 V, Output = 5 V at 1.5 A
1. A first pass inductor selection is based upon Inductance and the switch current limit. We choose an inductor


Similar Part No. - LM2590HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2590HV TI-LM2590HV Datasheet
727Kb / 22P
[Old version datasheet]   LM2590HV SIMPLE SWITCHERPower Converter 150 kHz 1A Step-Down Voltage
logo
National Semiconductor ...
LM2590HV-AQ NSC-LM2590HV-AQ Datasheet
885Kb / 22P
   SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2590HVS-3.3 NSC-LM2590HVS-3.3 Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
More results

Similar Description - LM2590HV

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LM2596-ADJ TI1-LM2596-ADJ Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
List of Unclassifed Man...
AE2596 ETC-AE2596 Datasheet
449Kb / 13P
   SIMPLE SWITCHER POWER CONVERTER
logo
National Semiconductor ...
LM2672M NSC-LM2672M Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
logo
Texas Instruments
LMR16030 TI1-LMR16030 Datasheet
161Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Converter
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   Simple Switcher
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com