Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC1608-10CI-00 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT88SC1608-10CI-00
Description  8 x 256 x 8 Secure Memory with Authentication
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1608-10CI-00 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT88SC1608-10CI-00 Datasheet HTML 7Page - ATMEL Corporation AT88SC1608-10CI-00 Datasheet HTML 8Page - ATMEL Corporation AT88SC1608-10CI-00 Datasheet HTML 9Page - ATMEL Corporation AT88SC1608-10CI-00 Datasheet HTML 10Page - ATMEL Corporation AT88SC1608-10CI-00 Datasheet HTML 11Page - ATMEL Corporation AT88SC1608-10CI-00 Datasheet HTML 12Page - ATMEL Corporation AT88SC1608-10CI-00 Datasheet HTML 13Page - ATMEL Corporation AT88SC1608-10CI-00 Datasheet HTML 14Page - ATMEL Corporation AT88SC1608-10CI-00 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
AT88SC1608
0971G–SMEM–04/04
The read fuses operation is always allowed. The device only transmits one data byte
and waits for a new command.
Write Fuses
Figure 8. Write Fuses
The write fuses operation is only allowed under secure code control and no data byte is
transmitted by the host. The fuses are blown sequentially: CMA is blown if FAB is equal
to “0”, and PER is blown if CMA is equal to “0”. If the fuses are all “0”s, the operation is
canceled and the device waits for a new command.
Once a stop condition is issued to indicate the end of the host’s write operation, the
device initiates the internal nonvolatile write cycle. An ACK polling sequence can be ini-
tiated immediately. Once blown, these fuses cannot be reset.
A
C
K
A
C
K
S
T
A
R
T
Command
Fuses Add
1 0 1 1 0 1 0 0
1 0 0 0 0 0 0 0
S
T
O
P


Similar Part No. - AT88SC1608-10CI-00

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1608 ATMEL-AT88SC1608_14 Datasheet
482Kb / 24P
   High Security Memory Including Anti-wiretapping
More results

Similar Description - AT88SC1608-10CI-00

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC153 ATMEL-AT88SC153 Datasheet
365Kb / 24P
   3 x 64 x 8 Secure Memory with Authentication
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420 Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
logo
List of Unclassifed Man...
CXK1024P ETC1-CXK1024P Datasheet
15Kb / 1P
   MNOS 2K (256 X 8)-BIT NON-VOLATILE MEMORY
logo
Intersil Corporation
CD74HC22106 INTERSIL-CD74HC22106 Datasheet
68Kb / 9P
   QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
January 1999
logo
Maxim Integrated Produc...
REFD5822 MAXIM-REFD5822 Datasheet
556Kb / 6P
   Alcatraz (MAXREFDES34#): SHA-256 Secure Authentication Design
Feb 12, 2014
logo
Fujitsu Component Limit...
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
   Memory FRAM 256 K (32 K x 8) Bit SPI
logo
Sharp Corporation
LH28F004SU SHARP-LH28F004SU Datasheet
2Mb / 39P
   4Mbit(512Kbit x 8, 256 Kbit x 16) 5V Single Voltage Flash Memory
logo
Maxwell Technologies
48SD3208 MAXWELL-48SD3208 Datasheet
589Kb / 39P
   256 Mb SDRAM 8-Meg X 8-Bit X 4-Banks
logo
Fujitsu Component Limit...
MB84VA2004 FUJITSU-MB84VA2004 Datasheet
349Kb / 29P
   8M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com