Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2574 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2574
Description  SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2574 Datasheet(HTML) 3 Page - Texas Instruments

  LM2574_16 Datasheet HTML 1Page - Texas Instruments LM2574_16 Datasheet HTML 2Page - Texas Instruments LM2574_16 Datasheet HTML 3Page - Texas Instruments LM2574_16 Datasheet HTML 4Page - Texas Instruments LM2574_16 Datasheet HTML 5Page - Texas Instruments LM2574_16 Datasheet HTML 6Page - Texas Instruments LM2574_16 Datasheet HTML 7Page - Texas Instruments LM2574_16 Datasheet HTML 8Page - Texas Instruments LM2574_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
1
NC
14
NC
2
NC
13
NC
3
FB
12
OUTPUT
4
SIG_GND
11
NC
5
ON/OFF
10
V
IN
6
PWR_GND
9
NC
7
NC
8
NC
1
FB
8
NC
2
SIG_GND
7
OUTPUT
3
ON/OFF
6
NC
4
PWR_GND
5
V
IN
3
LM2574, LM2574HV
www.ti.com
SNVS104D – JUNE 1999 – REVISED APRIL 2016
Product Folder Links: LM2574 LM2574HV
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
P Package
8-Pin PDIP
Top View
NPA Package
14-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
PDIP
SOIC
FB
1
3
I
Feedback sense input pin. Connect to the midpoint of feedback divider to set
VOUT for ADJ version or connect this pin directly to the output capacitor for a
fixed output version.
NC
8, 6
1, 2, 7, 8, 9,
11, 13, 14
No internal connection, but must be soldered to PCB for best heat transfer.
ON/OFF
3
5
I
Enable input to the voltage regulator. High = OFF and low = ON. Connect to
GND to enable the voltage regulator. Do not leave this pin float.
OUTPUT
7
12
O
Emitter pin of the power transistor. This is a switching node. Attached this pin
to an inductor and the cathode of the external diode.
PWR_GND
4
6
Power ground pins. Connect to system ground and SIF GND, ground pins of
CIN and COUT. Path to CIN must be as short as possible.
SIG_GND
2
4
Signal ground pin. Ground reference for internal references and logic. Connect
to system ground.
VIN
5
10
I
Supply input pin to collector pin of high-side transistor. Connect to power
supply and input bypass capacitors CIN. Path from VIN pin to high frequency
bypass CIN and PWR GND must be as short as possible.


Similar Part No. - LM2574_16

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2574-12BN MICREL-LM2574-12BN Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574-12BWM MICREL-LM2574-12BWM Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
logo
Texas Instruments
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
More results

Similar Description - LM2574_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574 TI1-LM2574 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com