Electronic Components Datasheet Search |
|
SHC5320 Datasheet(PDF) 1 Page - Texas Instruments |
|
SHC5320 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 11 page 1 SHC5320 ® SHC5320 FEATURES q ACQUISITION TIME TO 0.01%: 1.5 µs max q HOLD MODE SETTLING TIME: 350ns max q DROOP RATE AT +25 °C: 0.5µV/µs max q TTL COMPATIBLE q FULL DIFFERENTIAL INPUTS q INTERNAL HOLDING CAPACITOR q TWO TEMPERATURE RANGES: –40 °C to +85°C (KH, KP, KU) –55 °C to +125°C (SH) q PACKAGE OPTIONS: Ceramic and Plastic DIP-14, SO-16 DESCRIPTION The SHC5320 is a bipolar, monolithic, sample/hold circuit designed for use in precision, high-speed, data- acquisition applications. The circuit employs an input transconductance ampli- fier capable of providing large amounts of charging current to the holding capacitor, thus enabling fast acquisition times. It also incorporates a low leakage analog switch and an output integrating amplifier with input bias current optimized to assure low droop rates. Since the analog switch always drives into a load at virtual ground, charge injection into the holding ca- pacitor is constant over the entire input voltage range. As a result, the charge offset (pedestal voltage) result- ing from this charge injection can be adjusted to zero by use of the offset adjustment capability. The device includes an internal holding capacitor to simplify ease of application; however, provision is also made to add additional external capacitance to improve the output voltage droop rate. The SHC5320 is manufactured using a dielectric iso- lation process which minimizes stray capacitance (en- abling higher-speed operation), and eliminates latch- up associated with substrate SCRs. The SHC5320KH, KP, and KU feature fully specified operation over the extended industrial temperature range of –40 °C to +85 °C, while the SHC5320SH operates over the tem- perature range of –55 °C to +125°C. The device re- quires ±15V supplies for operation, and is packaged in a reliable 14-pin ceramic or plastic dual-in-line pack- age, as well as a 16-pin surface mount plastic package. FPO APPLICATIONS q PRECISION DATA ACQUISITION SYSTEMS q DIGITAL-TO-ANALOG CONVERTER DEGLITCHER q AUTO ZERO CIRCUITS q PEAK DETECTORS 100pF Output Bandwidth Control Reference Common + – External Hold Capacitor Offset Adjust –Input +Input Mode Control High-Speed, Bipolar, Monolithic SAMPLE/HOLD AMPLIFIER © 1985 Burr-Brown Corporation PDS-585G Printed in U.S.A. April, 2000 ® For most current data sheet and other product information, visit www.burr-brown.com International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132 SBFS015 |
Similar Part No. - SHC5320 |
|
Similar Description - SHC5320 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |