Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE555-SP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SE555-SP
Description  xx555 Precision Timers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SE555-SP Datasheet(HTML) 7 Page - Texas Instruments

Back Button SE555-SP Datasheet HTML 3Page - Texas Instruments SE555-SP Datasheet HTML 4Page - Texas Instruments SE555-SP Datasheet HTML 5Page - Texas Instruments SE555-SP Datasheet HTML 6Page - Texas Instruments SE555-SP Datasheet HTML 7Page - Texas Instruments SE555-SP Datasheet HTML 8Page - Texas Instruments SE555-SP Datasheet HTML 9Page - Texas Instruments SE555-SP Datasheet HTML 10Page - Texas Instruments SE555-SP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
5
4
2
1
0
9
3
5
6
7
8
9
10
11
7
6
8
10
12
13
14
15
TA = 25°C
TA = 125°C
TA = −55°C
Output Low,
No Load
VCC − Supply Voltage − V
1
0.995
0.990
0.985
0
5
10
1.005
1.010
1.015
15
20
VCC − Supply Voltage − V
8
TA = 125°C
TA = 25°C
TA = −55°C
VCC = 15 V
IOL − Low-Level Output Current − mA
0.1
0.04
0.01
1
2
4
7
10
20
40
70 100
0.07
1
0.4
0.7
10
4
7
0.02
0.2
2
1
0.6
0.2
0
1.4
1.8
2.0
0.4
1.6
0.8
1.2
IOH − High-Level Output Current − mA
TA = 125°C
TA = 25°C
100
70
40
20
10
7
4
2
1
VCC = 5 V to 15 V
TA = −55°C
TA = 125°C
TA = 25°C
IOL − Low-Level Output Current − mA
VCC = 5 V
TA = −55°C
0.1
0.04
0.01
1
2
4
7
10
20
40
70 100
0.07
1
0.4
0.7
10
4
7
0.02
0.2
2
VCC = 10 V
IOL − Low-Level Output Current − mA
0.1
0.04
0.01
1
2
4
7
10
20
40
70 100
0.07
1
0.4
0.7
10
4
7
0.02
0.2
2
TA = 125°C
TA = 25°C
TA= −55°C
NA555, NE555, SA555, SE555
www.ti.com
SLFS022I – SEPTEMBER 1973 – REVISED SEPTEMBER 2014
7.6 Typical Characteristics
Data for temperatures below –40°C and above 105°C are applicable for SE555 circuits only.
Figure 1. Low-Level Output Voltage
Figure 2. Low-Level Output Voltage
vs Low-Level Output Current
vs Low-Level Output Current
Figure 3. Low-Level Output Voltage
Figure 4. Drop Between Supply Voltage and Output
vs Low-Level Output Current
vs High-Level Output Current
Figure 5. Supply Current
Figure 6. Normalized Output Pulse Duration
vs Supply Voltage
(Monostable Operation)
vs Supply Voltage
Copyright © 1973–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: NA555 NE555 SA555 SE555


Similar Part No. - SE555-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
[Old version datasheet]   QML CLASS V PRECISION TIMER
SE555-SP TI1-SE555-SP Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
More results

Similar Description - SE555-SP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_08 Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
logo
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com