Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCANSTA112VSX Datasheet(PDF) 7 Page - Texas Instruments

Part # SCANSTA112VSX
Description  SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANSTA112VSX Datasheet(HTML) 7 Page - Texas Instruments

Back Button SCANSTA112VSX Datasheet HTML 3Page - Texas Instruments SCANSTA112VSX Datasheet HTML 4Page - Texas Instruments SCANSTA112VSX Datasheet HTML 5Page - Texas Instruments SCANSTA112VSX Datasheet HTML 6Page - Texas Instruments SCANSTA112VSX Datasheet HTML 7Page - Texas Instruments SCANSTA112VSX Datasheet HTML 8Page - Texas Instruments SCANSTA112VSX Datasheet HTML 9Page - Texas Instruments SCANSTA112VSX Datasheet HTML 10Page - Texas Instruments SCANSTA112VSX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SCANSTA112
www.ti.com
SNLS161I – DECEMBER 2002 – REVISED APRIL 2013
PIN DESCRIPTIONS (continued)
No.
Pin Name
Pins
I/O
Description
S(0-7)
8
I
SLOT IDENTIFICATION: The configuration of these pins is used to identify (assign a unique
address to) each 'STA112 on the system backplane
OE
1
I
OUTPUT ENABLE for the Local Scan Ports, active low. When high, this active-low control signal
TRI-STATEs all local scan ports on the 'STA112, to enable an alternate resource to access one or
more of the local scan chains.
TDO(01-06)
6
O
TEST DATA OUTPUTS: Individual output for each of the local scan ports . These TRI-STATE
outputs have 12mA of drive current.
TDI(01-06)
6
I
TEST DATA INPUTS: Individual scan data input for each of the local scan ports. This input has a
25K
Ω internal pull-up resistor.
TMS(01-06)
6
O
TEST MODE SELECT OUTPUTS: Individual output for each of the local scan ports. TMSn does not
provide a pull-up resistor (which is assumed to be present on a connected TMS input, per the IEEE
1149.1 requirement) . These TRI-STATE outputs have 24mA of drive current.
TCK(01-06)
6
O
LOCAL TEST CLOCK OUTPUTS: Individual output for each of the local scan ports. These are
buffered versions of TCKB . These TRI-STATE outputs have 24mA of drive current.
TRST(01-06)
6
O
LOCAL TEST RESETS: A gated version of TRSTB. These TRI-STATE outputs have 24mA of drive
current.
A001, A101
2
I
LOCAL PASS-THROUGH INPUTS: General purpose inputs which can be driven to the backplane
pin YB. (Only on LSP0 and LSP1. Only available when a single LSP is selected) . These inputs have
a 25K
Ω internal pull-up resistor.
Y001, Y101
2
O
LOCAL PASS-THROUGH OUTPUT: General purpose outputs which can be driven from the
backplane pin AB. (Only on LSP0 and LSP1. Only available when a single LSP is selected) . These
TRI-STATE outputs have 12mA of drive current.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SCANSTA112


Similar Part No. - SCANSTA112VSX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCANSTA112VS NSC-SCANSTA112VS Datasheet
300Kb / 15P
   7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112VS NSC-SCANSTA112VS Datasheet
690Kb / 15P
   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
More results

Similar Description - SCANSTA112VSX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCANSTA112 NSC-SCANSTA112_05 Datasheet
690Kb / 15P
   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112 NSC-SCANSTA112 Datasheet
300Kb / 15P
   7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
Texas Instruments
SCANSTA112 TI1-SCANSTA112_14 Datasheet
1Mb / 23P
[Old version datasheet]   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
SCANSTA111 NSC-SCANSTA111_05 Datasheet
911Kb / 31P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Texas Instruments
SCANSTA111 TI1-SCANSTA111 Datasheet
1Mb / 38P
[Old version datasheet]   SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Keysight Technologies
N8817A KEYSIGHT-N8817A Datasheet
8Mb / 8P
   JTAG (IEEE 1149.1) Protocol
logo
Texas Instruments
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com