Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC1608 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT88SC1608
Description  8 x 256 x 8 Secure Memory with Authentication
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1608 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT88SC1608 Datasheet HTML 3Page - ATMEL Corporation AT88SC1608 Datasheet HTML 4Page - ATMEL Corporation AT88SC1608 Datasheet HTML 5Page - ATMEL Corporation AT88SC1608 Datasheet HTML 6Page - ATMEL Corporation AT88SC1608 Datasheet HTML 7Page - ATMEL Corporation AT88SC1608 Datasheet HTML 8Page - ATMEL Corporation AT88SC1608 Datasheet HTML 9Page - ATMEL Corporation AT88SC1608 Datasheet HTML 10Page - ATMEL Corporation AT88SC1608 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
AT88SC1608
0971G–SMEM–04/04
Configuration Zone
Answer-to-reset: 32-bit register defined by Atmel
Lot History Code: 32-bit register defined by Atmel
Fab Code: 16-bit register defined by Atmel
Card Manufacturer Code: 32-bit register defined by the card manufacturer
Access Registers
Eight 8-bit access registers defined by the issuer (enable if “0”). The access register for
each user zone will specify the privileges and requirements for access to that zone.
Write Password Enable (WPE)
If enabled (WPE = “0”), the user is required to verify the write password to allow write
operations in the user zone. If disabled (WPE = “1”), all write operations are allowed
within the zone. Verification of the write password also allows the read and write pass-
words to be changed. During personalization (PER = “1”) the WPE bit is forced active
even if set to “1”. This forces the issuer to verify the write password in order to write data
to the user zone. This allows the security code (Write 7 password) to lock write functions
during transportation.
Read Password Enable (RPE)
If enabled (RPE = “0”), the user is required to verify either the read password or write
password to allow read operations in the user zone. Read operations initiated without a
verified password will return the status of the fuse bits ($00). Verification of the write
password will always allow read access to the zone. RPE = “0” and WPE = “1” is
allowed but is not recommended.
Authentication Enable (ATE)
If enabled (ATE = “0”), a valid authentication sequence must be completed before
access is allowed to the user zone. If disabled (ATE = “1”), authentication is not required
for access.
Password Set Select (PW2, PW1, PW0)
These three bits define which of the eight password sets must be presented to allow
access to the user zone. Each access register may point to a unique password set, or
access registers for multiple zones may point to the same password set. In this case,
verification of a single password will open several zones, combining the zones into a
single larger zone.
Modify Forbidden (MDF)
If enabled (MDF = “0”), no write access is allowed in the zone at any time.
Program Only (PGO)
If enabled (PGO = “0”), data within the zone may be changed from “1” to “0” but never
from “0” to “1”.
Identification Number
(Nc)
An identification number with up to 56 bits is defined by the issuer and should be unique
for each card.
Table 4. Access Registers
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WPE
RPE
ATE
PW2
PW1
PW0
MDF
PGO


Similar Part No. - AT88SC1608

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1608 ATMEL-AT88SC1608_14 Datasheet
482Kb / 24P
   High Security Memory Including Anti-wiretapping
More results

Similar Description - AT88SC1608

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC153 ATMEL-AT88SC153 Datasheet
365Kb / 24P
   3 x 64 x 8 Secure Memory with Authentication
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420 Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
logo
List of Unclassifed Man...
CXK1024P ETC1-CXK1024P Datasheet
15Kb / 1P
   MNOS 2K (256 X 8)-BIT NON-VOLATILE MEMORY
logo
Intersil Corporation
CD74HC22106 INTERSIL-CD74HC22106 Datasheet
68Kb / 9P
   QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
January 1999
logo
Maxim Integrated Produc...
REFD5822 MAXIM-REFD5822 Datasheet
556Kb / 6P
   Alcatraz (MAXREFDES34#): SHA-256 Secure Authentication Design
Feb 12, 2014
logo
Fujitsu Component Limit...
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
   Memory FRAM 256 K (32 K x 8) Bit SPI
logo
Sharp Corporation
LH28F004SU SHARP-LH28F004SU Datasheet
2Mb / 39P
   4Mbit(512Kbit x 8, 256 Kbit x 16) 5V Single Voltage Flash Memory
logo
Maxwell Technologies
48SD3208 MAXWELL-48SD3208 Datasheet
589Kb / 39P
   256 Mb SDRAM 8-Meg X 8-Bit X 4-Banks
logo
Fujitsu Component Limit...
MB84VA2004 FUJITSU-MB84VA2004 Datasheet
349Kb / 29P
   8M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com