Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCANSTA112 Datasheet(PDF) 9 Page - Texas Instruments

Part # SCANSTA112
Description  SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANSTA112 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SCANSTA112_15 Datasheet HTML 5Page - Texas Instruments SCANSTA112_15 Datasheet HTML 6Page - Texas Instruments SCANSTA112_15 Datasheet HTML 7Page - Texas Instruments SCANSTA112_15 Datasheet HTML 8Page - Texas Instruments SCANSTA112_15 Datasheet HTML 9Page - Texas Instruments SCANSTA112_15 Datasheet HTML 10Page - Texas Instruments SCANSTA112_15 Datasheet HTML 11Page - Texas Instruments SCANSTA112_15 Datasheet HTML 12Page - Texas Instruments SCANSTA112_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SCANSTA112
www.ti.com
SNLS161I – DECEMBER 2002 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage (VCC)
−0.3V to +4.0V
DC Input Diode Current (IIK) VI = −0.5V
−20 mA
DC Input Voltage (VI)
−0.5V to +3.9V
DC Output Diode Current (IOK) VO = −0.5V
−20 mA
DC Output Voltage (VO)
−0.3V to +3.9V
DC Output Source/Sink Current (IO)
±50 mA
DC VCC or Ground Current per Output Pin
±50 mA
DC Latchup Source or Sink Current
±300 mA
Junction Temperature (Plastic)
+150°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Solder, 4sec)
100L NFBGA
220°C
100L TQFP
220°C
Max Package Power Capacity @ 25°C
100L NFBGA
3.57W
100L TQFP
2.11W
Thermal Resistance (
θJA)
100L NFBGA
35°C/W
100L TQFP
59.1°C/W
Package Derating above +25°C
100L NFBGA
28.57mW/°C
100L TQFP
16.92mW/°C
ESD Last Passing Voltage (HBM Min)
2500V
(1)
Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met,
without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. TI
does not recommend operation of SCAN STA products outside of recommended operation conditions.
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (VCC) 'STA112
3.0V to 3.6V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA) Industrial
−40°C to +85°C
DC ELECTRICAL CHARACTERISTICS
Over recommended operating supply voltage and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
VIH
Minimum High Input Voltage
VOUT = 0.1V or
2.1
V
VCC −0.1V
VIL
Maximum Low Input Voltage
VOUT = 0.1V or
0.8
V
VCC −0.1V
VOH
Minimum High Output Voltage
IOUT = −100 μA
VCC - 0.2v
V
All Outputs and I/O Pins
VIN = VIH or VIL
VOH
Minimum High Output Voltage
IOUT = −12 mA
2.4
V
TDOB0, TDOB1, TRISTB0, TRISTB1, Y0B0, Y1B0, Y0B1,
All Outputs Loaded
Y1B1, TDO(01-06), Y001, Y101, TRIST(01-03)
VOH
Minimum High Output Voltage
IOUT = −24mA
2.2
V
TMSB0, TMSB1, TCKB0, TCKB1, TRSTB0, TRSTB1,
TMS(01-06), TCK(01-06), TRST(01-06)
VOL
Maximum Low Output Voltage
IOUT = +100 μA
0.2
V
All Outputs and I/O Pins
VIN = VIH or VIL
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SCANSTA112


Similar Part No. - SCANSTA112_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCANSTA112 TI1-SCANSTA112_14 Datasheet
1Mb / 23P
[Old version datasheet]   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
More results

Similar Description - SCANSTA112_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCANSTA112 NSC-SCANSTA112_05 Datasheet
690Kb / 15P
   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112 NSC-SCANSTA112 Datasheet
300Kb / 15P
   7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
Texas Instruments
SCANSTA112 TI1-SCANSTA112_14 Datasheet
1Mb / 23P
[Old version datasheet]   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
SCANSTA111 NSC-SCANSTA111_05 Datasheet
911Kb / 31P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Texas Instruments
SCANSTA111 TI1-SCANSTA111 Datasheet
1Mb / 38P
[Old version datasheet]   SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Keysight Technologies
N8817A KEYSIGHT-N8817A Datasheet
8Mb / 8P
   JTAG (IEEE 1149.1) Protocol
logo
Texas Instruments
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com