Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN10503D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN10503D
Description  HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN10503D Datasheet(HTML) 2 Page - Texas Instruments

  SN10503D Datasheet HTML 1Page - Texas Instruments SN10503D Datasheet HTML 2Page - Texas Instruments SN10503D Datasheet HTML 3Page - Texas Instruments SN10503D Datasheet HTML 4Page - Texas Instruments SN10503D Datasheet HTML 5Page - Texas Instruments SN10503D Datasheet HTML 6Page - Texas Instruments SN10503D Datasheet HTML 7Page - Texas Instruments SN10503D Datasheet HTML 8Page - Texas Instruments SN10503D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
ABSOLUTE MAXIMUM RATINGS
PACKAGE DISSIPATION RATINGS
SN10501
SN10502
SN10503
SLOS408B – MARCH 2003 – REVISED JANUARY 2009 .................................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
operating free-air temperature range unless otherwise
(1)
UNIT
Supply voltage, VS
16.5 V
Input voltage, VI
±VS
Output current, IO
150 mA
Differential input voltage, VID
4 V
Continuous power dissipation See Dissipation Rating Table
Maximum junction temperature, TJ
150°C
Maximum junction temperature, continuous operation, longterm reliability, TJ
(2)
125°C
Storage temperature range, Tstg
–65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300°C
(1)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
POWER RATING(2)
PACKAGE
θ
JC(°C/W)
(1)
θ
JA(°C/W)
TA ≤ 25°C
TA = 85°C
DBV (5)
55
255.4
391 mW
156 mW
D (8)
38.3
97.5
1.02 W
410 mW
D (14)
26.9
66.6
1.5 W
600 mW
DGK (8)
54.2
260
385 mW
154 mW
DGN (8)(3)
4.7
58.4
1.71 W
685 mW
PWP (14)(3)
2.07
37.5
2.67 W
1.07 W
(1)
This data was taken using the JEDEC standard High-K test PCB.
(2)
Power rating is determined with a junction temperature of 125°C. This is the point where distortion
starts to substantially increase. Thermal management of the final PCB should strive to keep the
junction temperature at or below 125°C for best performance and long term reliability.
(3)
The SN10501, SN10502, and SN10503 may incorporate a PowerPAD™ on the underside of the chip.
This acts as a heatsink and must be connected to a thermally dissipating plane for proper power
dissipation. Failure to do so may result in exceeding the maximum junction temperature which could
permanently damage the device. See TI Technical Brief SLMA002 for more information about utilizing
the PowerPAD™ thermally enhanced package.
2
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN10501 SN10502 SN10503


Similar Part No. - SN10503D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10503D TI-SN10503D Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
SN10503DR TI-SN10503DR Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
logo
National Semiconductor ...
SN10503DR NSC-SN10503DR Datasheet
1Mb / 32P
   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
More results

Similar Description - SN10503D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10501 TI-SN10501 Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
logo
National Semiconductor ...
SN10502 NSC-SN10502 Datasheet
1Mb / 32P
   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Texas Instruments
SN10501 TI1-SN10501 Datasheet
1Mb / 32P
[Old version datasheet]   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
SG Micro Corp
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com