Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370C069A Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS370C069A
Description  8-BIT MICROCONTROLLER
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C069A Datasheet(HTML) 3 Page - Texas Instruments

  TMS370C069A Datasheet HTML 1Page - Texas Instruments TMS370C069A Datasheet HTML 2Page - Texas Instruments TMS370C069A Datasheet HTML 3Page - Texas Instruments TMS370C069A Datasheet HTML 4Page - Texas Instruments TMS370C069A Datasheet HTML 5Page - Texas Instruments TMS370C069A Datasheet HTML 6Page - Texas Instruments TMS370C069A Datasheet HTML 7Page - Texas Instruments TMS370C069A Datasheet HTML 8Page - Texas Instruments TMS370C069A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Pin Descriptions (Continued)
PIN
NAME
ALTERNATE
FUNCTION
PLCC
(68)
I/O†
DESCRIPTION‡
VSS1
9
Ground reference for digital logic
VSS2
16,62
Ground reference for digital I / O logic
FUNCTION
Single-chip mode: Port D is a general-purpose bidirectional I / O port. Each of the
port D pins can be configured individually as a general-purpose I / O pin, primary memory
control signal (function A) or secondary memory control signal (function B) All chip
A
B
control signal (function A), or secondary memory control signal (function B). All chip
selects are independent and can be used for memory-bank switching. See Table 1 for
function A memory accesses.
D3
SYSCLK
SYSCLK
58
I / O pin A, B: Internal clock signal is 1 / 1 (PLL) or 1 / 4 XTAL2 / CLKIN frequency
D4
R/W
R/W
57
I / O pin A, B: Read / write output pin
D5
CSPF
56
I/O
I / O pin A: Chip select peripheral output for peripheral file goes low during memory
accesses
I / O pin B: Reserved
D6
CSH1
EDS
55
I/O
I / O pin A: Chip select half output 1 goes low during memory accesses
I / O pin B: External data strobe output goes low during memory accesses from external
memory and has the same timings as the five chip selects.
D7
CSE1
WAIT
54
I / O pin A: Chip select eighth output goes low during memory accesses.
I / O pin B: Wait-input pin extends bus signals.
SCITXD
SCIRXD
SCICLK
SCIIO1
SCIIO2
SCIIO3
30
29
28
I/O
SCI transmit data output pin / general-purpose bidirectional pin§
SCI receive data input pin / general-purpose bidirectional pin
SCI bidirectional serial clock pin / general-purpose bidirectional pin
T1IC / CR
T1PWM
T1EVT
T1IO1
T1IO2
T1IO3
46
45
44
I/O
Timer1 input capture / counter reset input pin / general-purpose bidirectional pin
Timer1 pulse width modulation (PWM) output pin / general-purpose bidirectional pin
Timer1 external event input pin / general-purpose bidirectional pin
T2AIC1 / CR
T2AIC2 / PWM
T2AEVT
T2AIO1
T2AIO2
T2AIO3
27
26
25
I/O
Timer2A input capture 1 / counter-reset input pin / general-purpose bidirectional pin
Timer2A input capture 2 / PWM output pin / general-purpose bidirectional pin
Timer2A external event input pin / general-purpose bidirectional pin
T2BIC1 / CR
T2BIC2 / PWM
T2BEVT
T2BIO1
T2BIO2
T2BIO3
64
60
59
I/O
Timer2B input capture 1 / counter-reset input pin / general-purpose bidirectional pin
Timer2B input capture 2 / PWM output pin / general-purpose bidirectional pin
Timer2B external event input pin / general-purpose bidirectional pin
SPISOMI
SPISIMO
SPICLK
SPIIO1
SPIIO2
SPIIO3
49
48
47
I/O
SPI slave output pin, master input pin / general-purpose bidirectional pin
SPI slave input pin, master output pin / general-purpose bidirectional pin
SPI bidirectional serial clock pin / general-purpose bidirectional pin
† I = input, O = output
‡ Ports A, B, C, and D can be configured only as general-purpose I/O pins. Port D3 also can be configured as SYSCLK.
§ The three-pin configuration SCI is referred to as SCI1.
Table 1. Function A Memory-Access Locations for ‘x6x Devices
FUNCTION A
’X67
‘X68
‘X69
CSE1
A000h – BFFFh (8K bytes)
A000h – BFFFh (8K bytes)
E000h – EFFFh (4K bytes)
CSH1
C000h – FFFFh (16K bytes)
C000h – FFFFh (16K bytes)
F000h – FFFFh (4K bytes)
CSPF
10C0h – 10FFh (64 bytes)
10C0h – 10FFh (64 bytes)
10C0h – 10FFh (64 bytes)


Similar Part No. - TMS370C069A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C069A TI-TMS370C069A Datasheet
1Mb / 73P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C069AYYZ TI-TMS370C069AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - TMS370C069A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com