Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN10501DGKR Datasheet(PDF) 10 Page - Texas Instruments

Part # SN10501DGKR
Description  HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN10501DGKR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN10501DGKR Datasheet HTML 6Page - Texas Instruments SN10501DGKR Datasheet HTML 7Page - Texas Instruments SN10501DGKR Datasheet HTML 8Page - Texas Instruments SN10501DGKR Datasheet HTML 9Page - Texas Instruments SN10501DGKR Datasheet HTML 10Page - Texas Instruments SN10501DGKR Datasheet HTML 11Page - Texas Instruments SN10501DGKR Datasheet HTML 12Page - Texas Instruments SN10501DGKR Datasheet HTML 13Page - Texas Instruments SN10501DGKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
APPLICATION INFORMATION
HIGH-SPEED OPERATIONAL AMPLIFIERS
WIDEBAND, INVERTING OPERATION
Applications Section Contents
WIDEBAND, NONINVERTING OPERATION
_
+
Rg
1.3 k
RT
649
100 pF
0.1
µF
6.8
µF
−VS
−5 V
50
Ω Source
+
VI
100 pF
0.1
µF
6.8
µF
+
+VS
5 V
VO
CT
0.1
µF
Rf
1.3 k
RM
52.3
499
_
+
Rf
1.3 k
49.9
100 pF
0.1
µF 6.8 µF
−VS
−5 V
Rg
50
Ω Source
+
VI
100 pF
0.1
µF 6.8 µF
+
+VS
5 V
VO
499
1.3 k
SN10501
SN10502
SN10503
SLOS408B – MARCH 2003 – REVISED JANUARY 2009 .................................................................................................................................................. www.ti.com
decrease the loading effect of the feedback network
on the output of the amplifier, but this enhancement
comes at the expense of additional noise and
The SN1050x operational amplifiers are a family of
potentially lower bandwidth. Feedback-resistor values
single, dual, and triple rail-to-rail output voltage
between 1 k
Ω and 2 kΩ are recommended for most
feedback amplifiers. The SN1050x family combines
situations.
both a high slew rate and a rail-to-rail output stage.
Since the SN1050x family are general-purpose,
• Wideband, Noninverting Operation
wideband
voltage-feedback
amplifiers,
several
• Wideband, Inverting Gain Operation
familiar operational-amplifier applications circuits are
• Video Drive Circuits
available to the designer. Figure 34 shows a typical
inverting configuration where the input and output
• Single Supply Operation
impedances and noise gain from Figure 33 are
• Power Supply Decoupling Techniques and
retained in an inverting circuit configuration. Inverting
Recommendations
operation is one of the more common requirements
• Active Filtering With the SN1050x
and
offers
several
performance
benefits.
The
• Driving Capacitive Loads
inverting configuration shows improved slew rates
• Board Layout
and distortion due to the pseudo-static voltage
maintained on the inverting input.
• Thermal Analysis
• Additional Reference Material
• Mechanical Package Drawings
The SN1050x is a family of unity gain stable
rail-to-rail
output
voltage
feedback
operational
amplifiers designed to operate from a single 3-V to
15-V power supply.
Figure 33 is the noninverting gain configuration of
2V/V used to demonstrate the typical performance
curves.
Figure 34. Wideband, Inverting Gain
Configuration
In the inverting configuration, some key design
considerations must be noted. One is that the gain
resistor (Rg) becomes part of the signal channel input
impedance. If input impedance matching is desired
(beneficial when the signal is coupled through a
cable, twisted pair, long PC-board trace, or other
transmission-line conductors), Rg may be set equal to
the required termination value and Rf adjusted to give
the desired gain. However, care must be taken when
Figure 33. Wideband, Noninverting Gain
dealing with low inverting gains, because the resulting
Configuration
feedback-resistor value can present a significant load
to the amplifier output. For an inverting gain of 2,
Voltage-feedback amplifiers, unlike current-feedback
setting Rg to 49.9 Ω for input matching eliminates the
designs, can use a wide range of resistors values to
need for RM but requires a 100-Ω feedback resistor.
set their gain with minimal impact on their stability
This has the advantage that the noise gain becomes
and frequency response. Larger-valued resistors
equal to 2 for a 50-
Ω source impedance—the same
10
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN10501 SN10502 SN10503


Similar Part No. - SN10501DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10501DGKR TI-SN10501DGKR Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
More results

Similar Description - SN10501DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10501 TI-SN10501 Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
logo
National Semiconductor ...
SN10502 NSC-SN10502 Datasheet
1Mb / 32P
   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Texas Instruments
SN10501 TI1-SN10501 Datasheet
1Mb / 32P
[Old version datasheet]   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
SG Micro Corp
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com