Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN90CP02 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SCAN90CP02
Description  SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCAN90CP02 Datasheet(HTML) 3 Page - Texas Instruments

  SCAN90CP02 Datasheet HTML 1Page - Texas Instruments SCAN90CP02 Datasheet HTML 2Page - Texas Instruments SCAN90CP02 Datasheet HTML 3Page - Texas Instruments SCAN90CP02 Datasheet HTML 4Page - Texas Instruments SCAN90CP02 Datasheet HTML 5Page - Texas Instruments SCAN90CP02 Datasheet HTML 6Page - Texas Instruments SCAN90CP02 Datasheet HTML 7Page - Texas Instruments SCAN90CP02 Datasheet HTML 8Page - Texas Instruments SCAN90CP02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
7
6
5
4
3
2
1
15 16 17 18 19 20 21
28
27
26
25
24
23
22
8
9
10
11
12
13
14
N/C
IN0+
IN0-
VDDA
IN1+
IN1-
VDD2
N/C
OUT0+
OUT0-
VDDA
OUT1+
OUT1-
VDD2
DAP
(GND)
32
31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
PEM11
PEM10
PEM01
PEM00
GND
SEL1
SEL0
EN0
TRST
TDO
TDI
TMS
GND
TCK
VDD1
EN1
SCAN90CP02
www.ti.com
SNLS168M – JANUARY 2004 – REVISED APRIL 2013
Connection Diagrams
Figure 2. UQFN Top View
Figure 3. LQFP Top View
DAP = GND
CONFIGURATION SELECT TRUTH TABLE
(1)
SEL0
SEL1
EN0
EN1
OUT0
OUT1
Mode
0
0
0
0
IN0
IN0
1:2 Splitter (IN1 powered down)
0
1
0
0
IN0
IN1
Dual Channel Repeater
1
0
0
0
IN1
IN0
Dual Channel Switch
1
1
0
0
IN1
IN1
1:2 Splitter (IN0 powered down)
0
1
0
1
IN0
PD
Single Channel Repeater (Channel 1 powered down)
1
1
0
1
IN1
PD
Single Channel Switch (IN0 and OUT1 powered down)
0
0
1
0
PD
IN0
Single Channel Switch (IN1 and OUT0 powered down)
0
1
1
0
PD
IN1
Single Channel Repeater (Channel 0 powered down)
X
X
1
1
PD
PD
Both Channels in Power Down Mode
0
0
0
1
Invalid State(2)
1
0
0
1
Invalid State(2)
1
0
1
0
Invalid State(2)
1
1
1
0
Invalid State(2)
(1)
PD = Power Down mode to minimize power consumption
X = Don't Care
(2)
Entering these states is not forbidden, however device operation is not defined in these states.
PRE-EMPHASIS
The pre-emphasis is used to compensate for long or lossy transmission media. Separate pins are provided for
each output to minimize power consumption. Pre-emphasis is programmable to be off or to preset values per
Table 1.
Output Characteristics
The output characteristics of the SCAN90CP02 device have been optimized for point-to-point backplane and
cable applications.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SCAN90CP02


Similar Part No. - SCAN90CP02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02 Datasheet
1Mb / 20P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
351Kb / 16P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
SCAN90CP02SP NSC-SCAN90CP02SP Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
SCAN90CP02SPX NSC-SCAN90CP02SPX Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
More results

Similar Description - SCAN90CP02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
SCAN90CP02 NSC-SCAN90CP02_07 Datasheet
351Kb / 16P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02_14 Datasheet
1Mb / 20P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_13 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com