Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE555 Datasheet(PDF) 16 Page - Texas Instruments

Part No. NE555
Description  xx555 Precision Timers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NE555 Datasheet(HTML) 16 Page - Texas Instruments

Back Button NE555 Datasheet HTML 12Page - Texas Instruments NE555 Datasheet HTML 13Page - Texas Instruments NE555 Datasheet HTML 14Page - Texas Instruments NE555 Datasheet HTML 15Page - Texas Instruments NE555 Datasheet HTML 16Page - Texas Instruments NE555 Datasheet HTML 17Page - Texas Instruments NE555 Datasheet HTML 18Page - Texas Instruments NE555 Datasheet HTML 19Page - Texas Instruments NE555 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
RB
Modulation
Input
(see Note A)
CONT
TRIG
RESET
VCC
OUT
DISCH
VCC (5 V to 15 V)
RL
RA
C
GND
THRES
NOTE A: The modulating signal can be direct or capacitively coupled
to CONT. For direct coupling, the effects of modulation
source voltage and impedance on the bias of the timer
should be considered.
Pin numbers shown are for the D, JG, P, PS, and PW packages.
4
8
3
7
6
2
5
Output
NA555, NE555, SA555, SE555
SLFS022I – SEPTEMBER 1973 – REVISED SEPTEMBER 2014
www.ti.com
Typical Applications (continued)
Figure 20. Circuit for Pulse-Position Modulation
9.2.3.1 Design Requirements
Both DC and AC coupled modulation input will change the upper and lower voltage thresholds for the timing
capacitor. Both frequency and duty cycle will vary with the modulation voltage.
9.2.3.2 Detailed Design Procedure
The nominal output frequency and duty cycle can be determined using formulas in A-stable Operation section. RL
improves VOH, but it is not required for TTL compatibility.
16
Submit Documentation Feedback
Copyright © 1973–2014, Texas Instruments Incorporated
Product Folder Links: NA555 NE555 SA555 SE555


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn