Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE555 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part No. NE555
Description  xx555 Precision Timers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NE555 Datasheet(HTML) 15 Page - Texas Instruments

Back Button NE555 Datasheet HTML 11Page - Texas Instruments NE555 Datasheet HTML 12Page - Texas Instruments NE555 Datasheet HTML 13Page - Texas Instruments NE555 Datasheet HTML 14Page - Texas Instruments NE555 Datasheet HTML 15Page - Texas Instruments NE555 Datasheet HTML 16Page - Texas Instruments NE555 Datasheet HTML 17Page - Texas Instruments NE555 Datasheet HTML 18Page - Texas Instruments NE555 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Time − 0.5 ms/div
Capacitor Voltage
Output Voltage
Clock Input Voltage
RA = 3 kΩ
C = 0.02
µF
RL = 1 kΩ
See Figure 18
Modulation Input Voltage
NA555, NE555, SA555, SE555
www.ti.com
SLFS022I – SEPTEMBER 1973 – REVISED SEPTEMBER 2014
Typical Applications (continued)
9.2.2.1 Design Requirements
Clock input must have VOL and VOH levels that are less than and greater than 1/3 VCC. Modulation input can
vary from ground to VCC. The application must be tolerant of a nonlinear transfer function; the relationship
between modulation input and pulse width is not linear because the capacitor charge is based RC on an negative
exponential curve.
9.2.2.2 Detailed Design Procedure
Choose RA and C so that RA × C = 1/4 [clock input period]. RL improves VOH, but it is not required for TTL
compatibility.
9.2.2.3 Application Curves
Figure 19. Pulse-Width-Modulation Waveforms
9.2.3 Pulse-Position Modulation
As shown in Figure 20, any of these timers can be used as a pulse-position modulator. This application
modulates the threshold voltage and, thereby, the time delay, of a free-running oscillator. Figure 21 shows a
triangular-wave modulation signal for such a circuit; however, any wave shape could be used.
Copyright © 1973–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: NA555 NE555 SA555 SE555


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn