Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ5450W Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ5450W
Description  DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATES ONE GATE EXPANDABLE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ5450W Datasheet(HTML) 4 Page - Texas Instruments

  SNJ5450W Datasheet HTML 1Page - Texas Instruments SNJ5450W Datasheet HTML 2Page - Texas Instruments SNJ5450W Datasheet HTML 3Page - Texas Instruments SNJ5450W Datasheet HTML 4Page - Texas Instruments SNJ5450W Datasheet HTML 5Page - Texas Instruments SNJ5450W Datasheet HTML 6Page - Texas Instruments SNJ5450W Datasheet HTML 7Page - Texas Instruments SNJ5450W Datasheet HTML 8Page - Texas Instruments SNJ5450W Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
JM38510/00501BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
00501BCA
M38510/00501BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
00501BCA
M38510/00501BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
00501BCA
SN5450J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SN5450J
SN5450J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SN5450J
SN7450N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SN7450N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SNJ5450J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ5450J
SNJ5450J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ5450J
SNJ5450W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ5450W
SNJ5450W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ5450W
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)


Similar Part No. - SNJ5450W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ5451J TI-SNJ5451J Datasheet
886Kb / 25P
[Old version datasheet]   AND-OR-INVERT GATES
SNJ5451J TI1-SNJ5451J Datasheet
956Kb / 20P
[Old version datasheet]   AND-OR-INVERT GATES
SNJ5451W TI-SNJ5451W Datasheet
886Kb / 25P
[Old version datasheet]   AND-OR-INVERT GATES
SNJ5451W TI1-SNJ5451W Datasheet
956Kb / 20P
[Old version datasheet]   AND-OR-INVERT GATES
SNJ5454J TI-SNJ5454J Datasheet
406Kb / 11P
[Old version datasheet]   5-WIDE AND-OR-INVERT GATES
More results

Similar Description - SNJ5450W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5450 TI-SN5450 Datasheet
114Kb / 4P
[Old version datasheet]   DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATES ONE GATE EXPANDABLE
logo
Hitachi Semiconductor
HD14506B HITACHI-HD14506B Datasheet
81Kb / 6P
   Dual 2-wide 2-input Expandable AND-OR-INVERT Gate
logo
Motorola, Inc
MC14506UB MOTOROLA-MC14506UB Datasheet
241Kb / 7P
   Dual 2-wide, 2-input Expandable And-Or-Invert Gate
logo
National Semiconductor ...
DM7450 NSC-DM7450 Datasheet
88Kb / 4P
   Expandable Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
Texas Instruments
CD4086B TI-CD4086B Datasheet
539Kb / 12P
[Old version datasheet]   CMOS EXPANDABLE 4-WIDE 2-INPUT AND-OR-INVERT GATE
logo
Intersil Corporation
CD4086BMS INTERSIL-CD4086BMS Datasheet
85Kb / 9P
   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Texas Instruments
CD4086B TI1-CD4086B_14 Datasheet
828Kb / 13P
[Old version datasheet]   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
National Semiconductor ...
54LS51 NSC-54LS51 Datasheet
63Kb / 3P
   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATES
logo
Texas Instruments
SN74F51 TI1-SN74F51 Datasheet
85Kb / 5P
[Old version datasheet]   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATES
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com