Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN10501 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN10501
Description  HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN10501 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN10501 Datasheet HTML 5Page - Texas Instruments SN10501 Datasheet HTML 6Page - Texas Instruments SN10501 Datasheet HTML 7Page - Texas Instruments SN10501 Datasheet HTML 8Page - Texas Instruments SN10501 Datasheet HTML 9Page - Texas Instruments SN10501 Datasheet HTML 10Page - Texas Instruments SN10501 Datasheet HTML 11Page - Texas Instruments SN10501 Datasheet HTML 12Page - Texas Instruments SN10501 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5 5
VICR − Input Common-Mode Voltage Range − V
VS = 5 V
TA = 25°C
40
50
60
70
80
90
100
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
TC − Case Temperature − °C
PSRR
CMMR
VS = ±5 V, 5 V, and 3.3 V
0
10
20
30
40
50
60
70
80
90
100
−6
−4
−2
0
2
4
6
VICR − Input Common-Mode Voltage Range − V
VS = ±5 V
TA = 25°C
0.01
0.1
1
10
100
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
Gain = 2
RL = 150 Ω to GND
VO = 2 VPP
VS = ±5 V
RF = 301 Ω
RF = 1.43 kΩ
0.01
0.1
1
10
100
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
Gain = 2
RL = 150 Ω to VS/2
VO = 2 VPP
VS = 5 V
RF = 301 Ω
RF = 1.24 kΩ
0
20
40
60
80
100
120
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
Crosstalk all Channels
VS = ±5 V, 5 V, and 3.3 V
Gain = 1
RL = 150 Ω
VIN= −1 dB
TA = 25°C
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
−25
−20
−15
−10
−5
0
5
10
VS = 5 V
IIB+
IOS
Case Temperature −
°C
IIB−
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
−30
−25
−20
−15
−10
−5
0
5
VS = ±5 V
IIB+
IOS
Case Temperature −
°C
IIB−
SN10501
SN10502
SN10503
www.ti.com .................................................................................................................................................. SLOS408B – MARCH 2003 – REVISED JANUARY 2009
REJECTION RATIO
COMMON-MODE REJECTION RATIO
COMMON-MODE REJECTION RATIO
vs
vs
vs
CASE TEMPERATURE
INPUT COMMON-MODE RANGE
INPUT COMMON-MODE RANGE
Figure 25.
Figure 26.
Figure 27.
OUTPUT IMPEDANCE
OUTPUT IMPEDANCE
CROSSTALK
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 28.
Figure 29.
Figure 30.
INPUT BIAS AND OFFSET CURRENT
INPUT BIAS AND OFFSET CURRENT
vs
vs
CASE TEMPERATURE
CASE TEMPERATURE
Figure 31.
Figure 32.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN10501 SN10502 SN10503


Similar Part No. - SN10501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10501 TI-SN10501 Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
SN10501 TI1-SN10501 Datasheet
1Mb / 32P
[Old version datasheet]   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
SN10501D TI-SN10501D Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
SN10501DBVR TI-SN10501DBVR Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
logo
National Semiconductor ...
SN10501DBVR NSC-SN10501DBVR Datasheet
1Mb / 32P
   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
More results

Similar Description - SN10501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10501 TI-SN10501 Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
logo
National Semiconductor ...
SN10502 NSC-SN10502 Datasheet
1Mb / 32P
   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Texas Instruments
SN10501 TI1-SN10501 Datasheet
1Mb / 32P
[Old version datasheet]   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
SG Micro Corp
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com