Electronic Components Datasheet Search |
|
592D685X-020C2-15H Datasheet(PDF) 3 Page - Vishay Siliconix |
|
592D685X-020C2-15H Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 11 page www.vishay.com 76 592D Vishay Sprague Document Number 40004 Revision 20-Oct-04 For technical questions, contact tantalum@vishay.com 15 A 592D156X_6R3A2T 0.9 6 2.50 0.15 15 B 592D156X_6R3B2T 0.9 6 1.70 0.22 22 A 592D226X_6R3A2T 1.4 6 1.5 0.23 22 A 592D226X_6R3A2T13H** 1.4 6 1.5 0.2 22 B 592D226X_6R3B2T 1.4 6 1.5 0.23 33 A 592D336X_6R3A2T 2.1 6 1.70 0.32 33 B 592D336X_6R3B2T 2.1 6 1.40 0.24 33 C 592D336X_6R3C2T 2.1 6 0.40 0.5 33 S 592D336X_6R3S2T 2.1 8 1.3 0.28 33 S 592D336X_6R3S2T12H** 2.1 10 2.0 0.17 47 A 592D476X_6R3A2T 3 8 1.40 0.21 47 B 592D476X_6R3B2T 3 8 1.40 0.21 47 C 592D476X_6R3C2T 3 6 0.40 0.5 47 D 592D476X_6R3D2T 3 6 0.30 0.65 68 B 592D686X_6R3B2T 4.3 6 0.38 0.46 68 B 592D686X_6R3B2T13H** 4.3 8 0.60 0.36 68 C 592D686X_6R3C2T 4.3 6 0.38 0.51 68 D 592D686X_6R3D2T 4.3 6 0.27 0.68 68 R 592D686X_6R3R2T 4.3 6 0.20 0.87 68 T 592D686X_6R3T2T 4.3 6 0.50 0.4 100 B 592D107X_6R3B2T15H** 6.3 10 1.0 0.28 100 C 592D107X_6R3C2T 6.3 8 0.38 0.51 100 D 592D107X_6R3D2T 6.3 8 0.26 0.69 100 R 592D107X_6R3R2T 6.3 8 0.20 0.87 100 T 592D107X_6R3T2T 6.3 8 0.45 0.42 150 D 592D157X_6R3D2T 9.5 8 0.25 0.71 150 R 592D157X_6R3R2T 9.5 8 0.20 0.87 150 U 592D157X_6R3U2T 9.5 8 0.19 0.76 220 D 592D227X_6R3D2T 13.9 8 0.22 0.75 220 R 592D227X_6R3R2T 13.9 8 0.18 0.91 220 U 592D227X_6R3U2T 13.9 8 0.15 0.86 220 V 592D227X_6R3V2T 13.9 8 0.12 1.08 330 C 592D337X_6R3C2T16H** 20.8 10 0.15 0.81 330 R 592D337X_6R3R2T 20.8 8 0.18 0.91 330 U 592D337X_6R3U2T 20.8 8 0.10 1.05 330 V 592D337X_6R3V2T 20.8 8 0.10 1.18 330 W 592D337X_6R3W2T 20.8 8 0.10 1.32 470 U 592D477X_6R3U2T 29.6 14 0.10 1.05 470 V 592D477X_6R3V2T 29.6 10 0.10 1.18 470 W 592D477X_6R3W2T 29.6 10 0.10 1.32 680 R 592D687X_6R3R2T16H** 42.8 14 0.13 1.16 680 W 592D687X_6R3W2T 42.8 10 0.100 1.32 1000 W 592D108X_6R3W2T 63 20 0.2 0.94 1000 X 592D108X_6R3X2T 63 16 0.04 2.1 1500 Y 592D158X_6R3Y2T 95 20 0.035 2.3 1500 X 592D158X_6R3X2T 95 25 0.045 1.97 2200* Y* 592D228X_6R3Y2T* 139* 35* 0.055* 1.80* 2200 X 592D228X_6R3X2T 139 35 0.055 1.80 3300 Y 592D338X_6R3Y2T 208 35 0.055 1.80 STANDARD / EXTENDED RATINGS CAPACITANCE ( µF) CASE CODE PART NUMBER Max. DCL @ + 25 °C ( µA) Max. DF @ + 25 °C 120 Hz (%) Max. ESR @ + 25 °C 100kHz (Ohms) Max. RIPPLE 100kHz Irms (Amps) 6.3 WVDC @ + 85 °C, SURGE = 8 V . . . 4 WVDC @ + 125°C, SURGE = 5 V 10 A 592D106X_010A2T 1 6 2.60 0.15 10 B 592D106X_010B2T 1 6 1.70 0.22 22 B 592D226X_010B2T 2.2 6 1.50 0.23 22 C 592D226X_010C2T 2.2 6 0.40 0.50 33 C 592D336X_010C2T 3.3 6 0.40 0.50 33 D 592D336X_010D2T 3.3 6 0.30 0.65 33* T* 592D336X_010T2T* 3.3* 6* 0.50* 0.40* 47 D 592D476X_010D2T 4.7 6 0.27 0.68 47 R 592D476X_010R2T 4.7 6 0.20 0.87 47 T 592D476X_010T2T 4.7 6 0.50 0.40 68 C 592D686X_010C2T 6.8 6 0.14 0.84 68 D 592D686X_010D2T 6.8 6 0.27 0.68 68 R 592D686X_010R2T 6.8 6 0.20 0.87 68 T 592D686X_010T2T 6.8 6 0.45 0.42 68* U* 592D686X_010U2T* 6.8* 6* 0.25* 0.66* 100 D 592D107X_010D2T 10 8 0.10 1.11 100 U 592D107X_010U2T 10 8 0.19 0.76 100 R 592D107X_010R2T 10.0 8 0.22 0.83 150 U 592D157X_010U2T 15 8 0.17 0.80 150 V 592D157X_010V2T 15 8 0.14 1.00 220 V 592D227X_010V2T 22 8 0.12 1.08 220 W 592D227X_010W2T 22 8 0.10 1.32 330* V* 592D337X_010V2T* 33* 8* 0.10* 1.18* 330 W 592D337X_010W2T 33 8 0.10 1.32 ** xyH indicates maximum height in (mm), i.e., 1.5 max (H) = 15Hmm *Preliminary values, contact factory for availability. For 10% tolerance, specify "9"; for 20% tolerance, change to "0". Extended range ratings are in bold print. *Voltage range under development. 10 WVDC @ + 85 °C, SURGE = 13 V . . . 7 WVDC @ + 125°C, SURGE = 8 V |
Similar Part No. - 592D685X-020C2-15H |
|
Similar Description - 592D685X-020C2-15H |