Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3216X7R2A104KT Datasheet(PDF) 4 Page - Texas Instruments

Part # C3216X7R2A104KT
Description  SM74304 High Voltage (80V) Step Down Switching Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C3216X7R2A104KT Datasheet(HTML) 4 Page - Texas Instruments

  C3216X7R2A104KT Datasheet HTML 1Page - Texas Instruments C3216X7R2A104KT Datasheet HTML 2Page - Texas Instruments C3216X7R2A104KT Datasheet HTML 3Page - Texas Instruments C3216X7R2A104KT Datasheet HTML 4Page - Texas Instruments C3216X7R2A104KT Datasheet HTML 5Page - Texas Instruments C3216X7R2A104KT Datasheet HTML 6Page - Texas Instruments C3216X7R2A104KT Datasheet HTML 7Page - Texas Instruments C3216X7R2A104KT Datasheet HTML 8Page - Texas Instruments C3216X7R2A104KT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SM74304
SNVS720A – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, unless otherwise stated
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Switch Characteristics
Buck Switch Rds(on)
ITEST = 200mA,
0.74
1.34
VBST
−VSW = 6.3V(3)
Gate Drive UVLO (VBST – VSW)
Rising
3.4
4.5
5.5
V
Gate Drive UVLO Hysteresis
400
mV
Breakdown Voltage
TJ = 25°C
80
V
VIN to Ground
TJ = -40°C to +125°C
76
Breakdown Voltage
TJ = 25°C
80
V
BST to VCC
TJ = -40°C to +125°C
76
Current Limit
Current Limit Threshold
535
725
900
mA
Current Limit Response Time
Iswitch Overdrive = 0.1A Time to
225
ns
Switch Off
OFF time generator (test 1)
FB=0V, RCL = 100K
17
µs
OFF time generator (test 2)
FB=2.3V, RCL = 100K
2.65
µs
On Time Generator
TON -1
Vin = 10V
2.15
2.77
3.5
µs
Ron = 200K
TON -2
Vin = 75V
290
390
490
ns
Ron = 200K
Remote Shutdown Threshold
Rising
0.45
0.7
1.1
V
Remote Shutdown Hysteresis
40
mV
Minimum Off Time
Minimum Off Timer
FB = 0V
300
ns
Regulation and OV Comparators
FB Reference Threshold
Internal reference
2.445
2.5
2.550
V
Trip point for switch ON
FB Over-Voltage Threshold
Trip point for switch OFF
2.875
V
FB Bias Current
100
nA
Thermal Shutdown
Tsd
Thermal Shutdown Temp.
165
°C
Thermal Shutdown Hysteresis
25
°C
Thermal Resistance
DGK0008A Package
200
°C/W
θJA
Junction to Ambient
NGT0008A Package
40
°C/W
(3)
For devices procurred in the WSON-8 package the Rds(on) limits are specified by design characterization data only.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM74304


Similar Part No. - C3216X7R2A104KT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X7R2A104K TDK-C3216X7R2A104K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
logo
Texas Instruments
C3216X7R2A104K TI-C3216X7R2A104K Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
C3216X7R2A104K TI1-C3216X7R2A104K Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
logo
TDK Electronics
C3216X7R2A104K160AA TDK-C3216X7R2A104K160AA_17 Datasheet
221Kb / 3P
   Multilayer Ceramic Chip Capacitors
C3216X7R2A104K160AE TDK-C3216X7R2A104K160AE Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216X7R2A104KT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5007 TI-LM5007 Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
LM5007 TI1-LM5007_14 Datasheet
991Kb / 18P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5007 NSC-LM5007 Datasheet
230Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
LM5007 NSC-LM5007_08 Datasheet
280Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
logo
Texas Instruments
LM5007EP TI1-LM5007EP Datasheet
318Kb / 14P
[Old version datasheet]   Enhanced Plastic High Voltage (80V) Step Down Switching Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com