Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4532X7R1E156M Datasheet(PDF) 10 Page - Texas Instruments

Part # C4532X7R1E156M
Description  SM74304 High Voltage (80V) Step Down Switching Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C4532X7R1E156M Datasheet(HTML) 10 Page - Texas Instruments

Back Button C4532X7R1E156M Datasheet HTML 5Page - Texas Instruments C4532X7R1E156M Datasheet HTML 6Page - Texas Instruments C4532X7R1E156M Datasheet HTML 7Page - Texas Instruments C4532X7R1E156M Datasheet HTML 8Page - Texas Instruments C4532X7R1E156M Datasheet HTML 9Page - Texas Instruments C4532X7R1E156M Datasheet HTML 10Page - Texas Instruments C4532X7R1E156M Datasheet HTML 11Page - Texas Instruments C4532X7R1E156M Datasheet HTML 12Page - Texas Instruments C4532X7R1E156M Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
0
10
20
30
40
50
60
70
80
V
IN
(V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
300k
200k
100k
0
0.1
0.2
0.3
0.4
0.5
LOAD (A)
60
65
70
75
80
85
90
95
100
VIN = 15V
VIN = 70V
VIN = 30V
VIN = 50V
0
0.5
1
1.5
2
2.5
0
2
4
6
8
10
12
14
16
18
20
V
FB
(V)
600k
400k
200k
100k
50k
SM74304
SNVS720A – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
TYPICAL CHARACTERISTICS
Figure 5. Operational Waveforms
Figure 6. Operational Waveforms
SM74304 Operation: VOUT = 10V, VIN = 20V, IOUT = 250mA,
SM74304 Operation: VOUT = 10V, VIN = 75V, IOUT = 250mA,
CH1: Switch Node, CH2: VOUT (AC), CH4: Inductor Current
CH1: Switch Node, CH2: VOUT (AC), CH4: Inductor Current
Figure 7. SM74304 10V Output Efficiency
Figure 8. Current Limit VFB vs TOFF
RCL = 50k -600k
Figure 9. VIN vs TON
RON = 100k, 200k, 300k
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM74304


Similar Part No. - C4532X7R1E156M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4532X7R1E156M250KC TDK-C4532X7R1E156M250KC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C4532X7R1E156M250KC TDK-C4532X7R1E156M250KC_17 Datasheet
238Kb / 3P
   Multilayer Ceramic Chip Capacitors
C4532X7R1E156M280KB TDK-C4532X7R1E156M280KB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C4532X7R1E156M280KB TDK-C4532X7R1E156M280KB_17 Datasheet
240Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C4532X7R1E156M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5007 TI-LM5007 Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
LM5007 TI1-LM5007_14 Datasheet
991Kb / 18P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5007 NSC-LM5007 Datasheet
230Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
LM5007 NSC-LM5007_08 Datasheet
280Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
logo
Texas Instruments
LM5007EP TI1-LM5007EP Datasheet
318Kb / 14P
[Old version datasheet]   Enhanced Plastic High Voltage (80V) Step Down Switching Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com