Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDKC4532X7R2A105M Datasheet(PDF) 1 Page - Texas Instruments

Part # TDKC4532X7R2A105M
Description  SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDKC4532X7R2A105M Datasheet(HTML) 1 Page - Texas Instruments

  TDKC4532X7R2A105M Datasheet HTML 1Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 2Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 3Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 4Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 5Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 6Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 7Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 8Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT/SD
FB
VIN
SW
RTN
BST
6V - 95V
Input
SM74301
SHUTDOWN
RCL
VCC
VIN
GND
RCL
RT
C1
C3
C4
L1
D1
RFB2
RFB1
R3
C2
GND
VOUT
SM74301
www.ti.com
SNVS719A – JULY 2011
SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
Check for Samples: SM74301
1
FEATURES
PACKAGE
2
Renewable Energy Grade
VSSOP-8
Operating Input Voltage Range: 6V to 95V
WSON-8 (4mm x 4mm)
Integrated 100V, N-Channel Buck Switch
DESCRIPTION
Internal Start-Up Regulator
The SM74301 is a Constant On-Time (COT) Buck
No Loop Compensation Required
Switching
Regulator
which
operates
at
a
low
Ultra-Fast Transient Response
minimum input voltage of 6V and does not require a
minimum load current as some other COT parts.
On Time Varies Inversely with Input Voltage
Operating Frequency Remains Constant with
The
SM74301
Step
Down
Switching
Regulator
Varying Line Voltage and Load Current
features all of the functions needed to implement a
low cost, efficient, Buck bias regulator. This high
Adjustable Output Voltage from 2.5V
voltage regulator contains a 100V N-Channel Buck
Highly Efficient Operation
Switch. The device is easy to implement and is
Precision Internal Reference
provided in the VSSOP-8 and the thermally enhanced
WSON-8 packages. The regulator is based on a
Low Bias Current
control
scheme
using
an
ON
time
inversely
Intelligent Current Limit
proportional to VIN. This feature allows the operating
Thermal Shutdown
frequency to remain relatively constant. The control
scheme requires no loop compensation. An intelligent
current limit is implemented with forced OFF time,
TYPICAL APPLICATIONS
which is inversely proportional to Vout. This scheme
High Voltage Photovoltaic Systems
ensures short circuit control while providing minimum
Non-Isolated Telecommunication Buck
foldback. Other features include: Thermal Shutdown,
Regulator
VCC under-voltage lockout, Gate drive under-voltage
lockout, Max Duty Cycle limiter, and a pre-charge
Secondary High Voltage Post Regulator
switch.
Typical Application, Basic Step-Down Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TDKC4532X7R2A105M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TDK-73M2901CL TDK-TDK-73M2901CL Datasheet
282Kb / 18P
   V.22 BIS SINGLE CHIP MODEM
TDK-HLP-2603 TDK-TDK-HLP-2603 Datasheet
61Kb / 2P
   Hybrid Log Periodic Antenna
logo
Adam Technologies, Inc.
TDK-XX-FH ADAM-TECH-TDK-XX-FH Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
TDK-XX-FH-1 ADAM-TECH-TDK-XX-FH-1 Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
logo
Sharma Electro Componen...
TDK107K10CB SHARMA-TDK107K10CB Datasheet
446Kb / 2P
   Tantalum Capacitors
More results

Similar Description - TDKC4532X7R2A105M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
   100V, 350 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM5009A NSC-LM5009A Datasheet
401Kb / 16P
   100V, 150 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5009A TI1-LM5009A_14 Datasheet
1Mb / 22P
[Old version datasheet]   100V, 150 mA Constant On-Time Buck Switching Regulator
SM72485 TI-SM72485_15 Datasheet
1Mb / 23P
[Old version datasheet]   100V, 150 mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
SM72485 NSC-SM72485 Datasheet
448Kb / 16P
   SolarMagic 100V, 150 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com