Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN7423 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN7423
Description  DUAL 4-INPUT NOR GATES WITH STROBE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN7423 Datasheet(HTML) 4 Page - Texas Instruments

  SN7423 Datasheet HTML 1Page - Texas Instruments SN7423 Datasheet HTML 2Page - Texas Instruments SN7423 Datasheet HTML 3Page - Texas Instruments SN7423 Datasheet HTML 4Page - Texas Instruments SN7423 Datasheet HTML 5Page - Texas Instruments SN7423 Datasheet HTML 6Page - Texas Instruments SN7423 Datasheet HTML 7Page - Texas Instruments SN7423 Datasheet HTML 8Page - Texas Instruments SN7423 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-9763601QEA
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
JM38510/00403BCA
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
JM38510/00403BCA
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
SN5423J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
SN5423J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
SN5425J
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
SN5425J
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
SN7423N
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
SN7423N
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
SN7425N
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN7425N
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN7425N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN7425N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN7425NE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN7425NE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SNJ5423J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ5423J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ5423W
OBSOLETE
16
TBD
Call TI
Call TI
SNJ5423W
OBSOLETE
16
TBD
Call TI
Call TI
SNJ5425J
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ5425J
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ5425W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
SNJ5425W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
PACKAGE OPTION ADDENDUM
www.ti.com
6-Dec-2006
Addendum-Page 1


Similar Part No. - SN7423

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN7423 TI-SN7423 Datasheet
85Kb / 4P
[Old version datasheet]   DUAL 4-INPUT NOR GATES WITH STROBE
SN7423N TI-SN7423N Datasheet
85Kb / 4P
[Old version datasheet]   DUAL 4-INPUT NOR GATES WITH STROBE
More results

Similar Description - SN7423

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5423 TI-SN5423 Datasheet
85Kb / 4P
[Old version datasheet]   DUAL 4-INPUT NOR GATES WITH STROBE
logo
National Semiconductor ...
DM7425 NSC-DM7425 Datasheet
93Kb / 2P
   Dual 4-Input NOR Gate (with Strobe)
logo
Aeroflex Circuit Techno...
UT54ACS4002 AEROFLEX-UT54ACS4002 Datasheet
230Kb / 9P
   Dual 4-Input NOR Gates
logo
Texas Instruments
SN54HC4002 TI1-SN54HC4002_09 Datasheet
298Kb / 9P
[Old version datasheet]   Dual 4-INPUT POSITIVE-NOR GATES
SN54HC4002 TI-SN54HC4002 Datasheet
270Kb / 8P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NOR GATES
logo
Fairchild Semiconductor
HD74LV2G02A FAIRCHILD-HD74LV2G02A Datasheet
82Kb / 9P
   Dual 2-input NOR Gates
logo
Renesas Technology Corp
HD74ALVC2G02 RENESAS-HD74ALVC2G02 Datasheet
86Kb / 10P
   Dual 2-input NOR Gates
HD74LV2G02A RENESAS-HD74LV2G02A Datasheet
82Kb / 9P
   Dual 2-input NOR Gates
HD74ALVC2G02 RENESAS-HD74ALVC2G02_15 Datasheet
111Kb / 12P
   Dual 2-input NOR Gates
logo
Texas Instruments
SN54S260 TI1-SN54S260_15 Datasheet
847Kb / 13P
[Old version datasheet]   DUAL 5-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com