Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXA4IF1200TC Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXA4IF1200TC
Description  XPT IGBT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXA4IF1200TC Datasheet(HTML) 3 Page - IXYS Corporation

  IXA4IF1200TC Datasheet HTML 1Page - IXYS Corporation IXA4IF1200TC Datasheet HTML 2Page - IXYS Corporation IXA4IF1200TC Datasheet HTML 3Page - IXYS Corporation IXA4IF1200TC Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IXA4IF1200UC
preliminary
Ratings
Z YY
WW
Logo
Part number
Assembly Line
abcdefg
ProductMarking
IXYS
Date Code
I
X
A
4
IF
1200
UC
Part number
IGBT
XPT IGBT
Gen 1 / std
Copack
TO-252AA (DPak)
=
=
=
Current Rating [A]
Reverse Voltage [V]
=
=
=
=
Package
Top
°C
T
VJ
°C
150
virtual junction temperature
-40
Weight
g
0.3
Symbol
Definition
typ.
max.
min.
Conditions
operation temperature
Unit
F
C
N
60
mounting force with clip
20
I
RMS
RMS current
20
A
per terminal
125
-40
TO-252 (DPak)
Similar Part
Package
Voltage class
IXA4IF1200TC
TO-268AA (D3Pak) (2)
1200
Delivery Mode
Quantity
Code No.
Part Number
Marking on Product
Ordering
IXA4IF1200UC
510217
Tape & Reel
2500
X4TAUF
Standard
T
stg
°C
150
storage temperature
-40
threshold voltage
V
mΩ
V0 max
R0 max
slope resistance *
1.1
460
1.25
280
Equivalent Circuits for Simulation
T
=
VJ
I
V0
R0
IGBT
Diode
150 °C
* on die level
IXYS reserves the right to change limits, conditions and dimensions.
20111109a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2011 IXYS all rights reserved


Similar Part No. - IXA4IF1200TC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXA4IF1200TC IXYS-IXA4IF1200TC Datasheet
104Kb / 4P
   IXA4IF1200TC
More results

Similar Description - IXA4IF1200TC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXA220I650NA IXYS-IXA220I650NA Datasheet
124Kb / 4P
   XPT IGBT
IXA55I1200HJ IXYS-IXA55I1200HJ Datasheet
119Kb / 5P
   XPT IGBT
IXA70I1200NA IXYS-IXA70I1200NA Datasheet
139Kb / 5P
   XPT IGBT
MIXA80R1200VA IXYS-MIXA80R1200VA Datasheet
316Kb / 6P
   XPT IGBT Module
MIXA100PM650TMI IXYS-MIXA100PM650TMI Datasheet
142Kb / 4P
   XPT IGBT Module
IXA33IF1200HB IXYS-IXA33IF1200HB Datasheet
131Kb / 6P
   XPT IGBT
IXA60IF1200NA IXYS-IXA60IF1200NA Datasheet
157Kb / 6P
   XPT IGBT
IXA45IF1200HB IXYS-IXA45IF1200HB Datasheet
131Kb / 6P
   XPT IGBT
IXA70R1200NA IXYS-IXA70R1200NA Datasheet
155Kb / 6P
   XPT IGBT
IXD75IF650NA IXYS-IXD75IF650NA Datasheet
172Kb / 5P
   XPT IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com