Electronic Components Datasheet Search |
|
ADR06CRZ2 Datasheet(PDF) 8 Page - Analog Devices |
|
ADR06CRZ2 Datasheet(HTML) 8 Page - Analog Devices |
8 / 20 page ADR01/ADR02/ADR03/ADR06 Rev. F | Page 8 of 20 ABSOLUTE MAXIMUM RATINGS Ratings at 25°C, unless otherwise noted. Table 6. Parameter Rating Supply Voltage 40 V Output Short-Circuit Duration to GND Indefinite Storage Temperature Range –65°C to +150°C Operating Temperature Range –40°C to +125°C Junction Temperature Range: KS, UJ, and R Packages –65°C to +150°C Lead Temperature Range (Soldering, 60 Sec) 300°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Table 7. Thermal Resistance Package Type θ JA 1 θ JC Unit SC70-5 (KS-5) 376 189 °C/W TSOT-5 (UJ-5) 230 146 °C/W SOIC-8 (R-8) 130 43 °C/W 1 θ JA is specified for the worst-case conditions, that is, θ JA is specified for devices soldered in circuit boards for surface-mount packages. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although these products feature proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Similar Part No. - ADR06CRZ2 |
|
Similar Description - ADR06CRZ2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |