Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM72501 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SM72501
Description  SM72501 SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM72501 Datasheet(HTML) 1 Page - Texas Instruments

  SM72501 Datasheet HTML 1Page - Texas Instruments SM72501 Datasheet HTML 2Page - Texas Instruments SM72501 Datasheet HTML 3Page - Texas Instruments SM72501 Datasheet HTML 4Page - Texas Instruments SM72501 Datasheet HTML 5Page - Texas Instruments SM72501 Datasheet HTML 6Page - Texas Instruments SM72501 Datasheet HTML 7Page - Texas Instruments SM72501 Datasheet HTML 8Page - Texas Instruments SM72501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
+
RS
Z
LOAD
V1
V2
R
R
R
R
V
+
V
+
V
-
V
-
+
-
-
I = (V2 ± V1)
RS
A1
A2
SM72501
www.ti.com
SNIS157C – JANUARY 2011 – REVISED APRIL 2013
SM72501 SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
Check for Samples: SM72501
1
FEATURES
DESCRIPTION
The SM72501 is a low offset voltage, rail-to-rail input
2
Renewable Energy Grade
and output precision amplifier with a CMOS input
Unless Otherwise noted, Typical values at
stage
and
a
wide
supply
voltage
range.
The
VS = 5V
SM72501 is ideal for sensor interface and other
Input Offset Voltage ±200 µV (max)
instrumentation applications.
Input Bias Current ±200 fA
The low offset voltage of less than ±200 µV along
with the low input bias current of less than ±1 pA
Input Voltage Noise 9 nV/
√Hz
makes the SM72501 ideal for precision applications.
CMRR 130 dB
The SM72501 is built utilizing VIP50 technology,
Open Loop Gain 130 dB
which allows the combination of a CMOS input stage
Temperature Range
−40°C to 125°C
and a 12V common mode and supply voltage range.
This makes the SM72501 a great choice in many
Unity Gain Bandwidth 2.5 MHz
applications where conventional CMOS parts cannot
Supply Current (SM72501) 715 µA
operate under the desired voltage conditions.
Supply Voltage Range 2.7V to 12V
The SM72501 has a rail-to-rail input stage that
Rail-to-rail Input and Output
significantly reduces the CMRR glitch commonly
associated with rail-to-rail input amplifiers. This is
APPLICATIONS
achieved by trimming both sides of the complimentary
input stage, thereby reducing the difference between
High Impedance Sensor Interface
the NMOS and PMOS offsets. The output of the
Battery Powered Instrumentation
SM72501 swings within 40 mV of either rail to
High Gain Amplifiers
maximize the signal dynamic range in applications
requiring low supply voltage.
DAC Buffer
Instrumentation Amplifier
The SM72501 is offered in the space saving 5-Pin
SOT-23. This small package is an ideal solution for
Active Filters
area constrained PC boards and portable electronics.
Typical Application
Figure 1. Precision Current Source
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SM72501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72501 NSC-SM72501 Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
SM72501MF NSC-SM72501MF Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
SM72501MFE NSC-SM72501MFE Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
SM72501MFX NSC-SM72501MFX Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
More results

Similar Description - SM72501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72501 NSC-SM72501 Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
LMP7701 NSC-LMP7701 Datasheet
485Kb / 6P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
Texas Instruments
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
logo
Texas Instruments
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
[Old version datasheet]   LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
National Semiconductor ...
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com