Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN78L04M Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AN78L04M
Description  3-pin positive output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN78L04M Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AN78L04M Datasheet HTML 4Page - Panasonic Semiconductor AN78L04M Datasheet HTML 5Page - Panasonic Semiconductor AN78L04M Datasheet HTML 6Page - Panasonic Semiconductor AN78L04M Datasheet HTML 7Page - Panasonic Semiconductor AN78L04M Datasheet HTML 8Page - Panasonic Semiconductor AN78L04M Datasheet HTML 9Page - Panasonic Semiconductor AN78L04M Datasheet HTML 10Page - Panasonic Semiconductor AN78L04M Datasheet HTML 11Page - Panasonic Semiconductor AN78L04M Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AN78Lxx/AN78LxxM Series
9
SFF00005CEB
I Main Characteristics
100
80
60
40
20
0
10
100
AN78L05
VI
= 8 to 18V
IO
= 40mA
1k
10k
100k
Frequency f (Hz)
RR
 f
024
AN78L05
68
10
Time t (
µs)
10
0
−10
−20
20
15
10
5
010
20
AN78L05
30
40
50
1
0
−1
−2
0.2
0.1
0
IBias
 Ta
3.0
2.5
2.0
1.5
1.0
0.5
0
−25
0
25
50
75
100
125
VIN
= 28V
10V
18V
AN78L05
IO
= 5mA
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80 100 120 140 160
PD
 Ta (AN78Lxx series)
2.5
2.0
1.5
1.0
0.5
0
0
25
50
75
100
125
VDIF(min)
 Tj
IO
= 100mA
70mA
40mA
1mA
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80 100 120 140 160
PD
 Ta (AN78LxxM series)
Ambient temperature T
a (°C)
Ambient temperature T
a (°C)
Ambient temperature T
a (°C)
Independent IC
without a heat sink
Rth(j-a)
= 190°C/W
PD
= 658mW (25°C)
Mounted on standard board
(glass epoxy: 20mm
× 20mm × t1.7mm
with Cu foil of 1cm2 or more)
Junction temperature Tj (
°C)
Input transient response
Time t (
µs)
Load transient response


Similar Part No. - AN78L04M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78L00M PANASONIC-AN78L00M Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
logo
List of Unclassifed Man...
AN78L05 ETC2-AN78L05 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN78L05M PANASONIC-AN78L05M Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
More results

Similar Description - AN78L04M

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN77L05M-E1 PANASONIC-AN77L05M-E1 Datasheet
311Kb / 11P
   3-pin, positive output, low dropout voltage regulator (100 mA type)
AN79L07 PANASONIC-AN79L07 Datasheet
175Kb / 12P
   3-pin negative output voltage regulator (100 mA type)
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN80XX PANASONIC-AN80XX Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN77L04M-E1 PANASONIC-AN77L04M-E1 Datasheet
195Kb / 10P
   AN77Lxx/AN77LxxM Series 3-pin, positive output, low dropout voltage regulator (100 mA type)
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com