Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP8391 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8391
Description  SNI Serial Network Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8391 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP8391 Datasheet HTML 2Page - National Semiconductor (TI) DP8391 Datasheet HTML 3Page - National Semiconductor (TI) DP8391 Datasheet HTML 4Page - National Semiconductor (TI) DP8391 Datasheet HTML 5Page - National Semiconductor (TI) DP8391 Datasheet HTML 6Page - National Semiconductor (TI) DP8391 Datasheet HTML 7Page - National Semiconductor (TI) DP8391 Datasheet HTML 8Page - National Semiconductor (TI) DP8391 Datasheet HTML 9Page - National Semiconductor (TI) DP8391 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
60 Absolute Maximum Ratings
Supply Voltage (VCC)7V
Input Voltage (TTL)
0 to 55V
Input Voltage (differential)
b
55 to a16V
Output Voltage (differential)
0 to 16V
Output Current (differential)
b
40 mA
Storage Temperature
b
65 to 150 C
Lead Temperature (soldering 10 sec)
300 C
Package Power Rating for DIP at 25 C
295W
(PC Board Mounted)
Derate Linearly at the rate of 238 mW C
Package Power Rating for PCC at 25 C
192W
Derate Linearly at the rate of 154 mW C
For actual power dissipation of the device please refer to
Section 70
ESD rating
2000V
Recommended Operating
Conditions
Supply Voltage (VCC)5V g 5%
Ambient Temperature (DIP)
0 to 70 C
(PCC)
0 to 55 C
Note
Absolute maximum ratings are those values beyond
which the safety of the device cannot be guaranteed They
are not meant to imply that the device should be operated at
these limits
70 Electrical Characteristics
VCC e 5V g5% TA e 0 Cto70 C for DIP and 0 Cto55 C for PCC (Notes12)
Symbol
Parameter
Test Conditions
Min
Max
Units
VIH
Input High Voltage (TTL)
20
V
VIHX1a
Input High Voltage (X1)
No Series Resistor
20
VCCb15
V
VIHX1b
Input High Voltage (X1)
1k Series Resistor
20
VCC
V
VIL
Input Low Voltage (TTL and X1)
08
V
IIH
Input High Current (TTL)
VIN e VCC
50
m
A
Input High Current (RXg CDg)VIN e VCC
500
m
A
IIL
Input Low Current (TTL)
VIN e 05V
b
300
m
A
Input Low Current (RXg CDg)VIN e 05V
b
700
m
A
VCL
Input Clamp Voltage (TTL)
IIN eb12 mA
b
12
V
VOH
Ouptut High Voltage (TTLMOS)
IOH eb100 mA
35
V
VOL
Output Low Voltage (TTLMOS)
IOL e 8 mA
05
V
IOS
Output Short Circuit Current (TTLMOS)
b
40
b
200
mA
VOD
Differential Output Voltage (TXg)78X termination and
g
550
g
1200
mV
270X from each to GND
VOB
Diff Output Voltage Imbalance (TXg)
same as above
g
40
mV
VDS
Diff Squelch Threshold (RXg CDg)
b
175
b
300
mV
VCM
Diff Input Common Mode Voltage (RXg CDg)
b
525
525
V
ICC
Power Supply Current
10Mbits
270
mA
80 Switching Characteristics VCC e 5V g5% TA e 0 Cto70 C for DIP and 0 Cto55 C for PCC (Note 2)
Symbol
Parameter
Figure
Min
Typ
Max
Units
OSCILLATOR SPECIFICATION
tXTH
X1 to Transmit Clock High
12
8
20
ns
tXTL
X1 to Transmit Clock Low
12
8
20
ns
TRANSMIT SPECIFICATION
tTCd
Transmit Clock Duty Cycle at 50% (10 MHz)
12
42
50
58
%
tTCr
Transmit Clock Rise Time (20% to 80%)
12
8
ns
tTCf
Transmit Clock Fall Time (80% to 20%)
12
8
ns
tTDs
Transmit Data Setup Time to Transmit Clock Rising Edge
4
12
20
ns
tTDh
Transmit Data Hold Time from Transmit Clock Rising Edge
4
12
0
ns
tTEs
Transmit Enable Setup Time to Trans Clock Rising Edge
4
12
20
ns
tTEh
Transmit Enable Hold Time from Trans Clock Rising Edge
5
12
0
ns
Note 1
All currents into device pins are positive all currents out of device pins are negative All voltages are referenced to ground unless otherwise specified
Note 2
All typicals are given for VCC e 5V and TA e 25 C
6


Similar Part No. - DP8391

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
DP83910A NSC-DP83910A Datasheet
221Kb / 12P
   CMOS SNI Serial Network Interface
logo
Texas Instruments
DP83910A TI1-DP83910A Datasheet
265Kb / 14P
[Old version datasheet]   DP83910A CMOS SNI Serial Network Interface
logo
National Semiconductor ...
DP83910AN NSC-DP83910AN Datasheet
221Kb / 12P
   CMOS SNI Serial Network Interface
logo
Texas Instruments
DP83910AN TI1-DP83910AN Datasheet
265Kb / 14P
[Old version datasheet]   DP83910A CMOS SNI Serial Network Interface
More results

Similar Description - DP8391

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83910A NSC-DP83910A Datasheet
221Kb / 12P
   CMOS SNI Serial Network Interface
logo
Texas Instruments
DP83910A TI1-DP83910A_11 Datasheet
265Kb / 14P
[Old version datasheet]   DP83910A CMOS SNI Serial Network Interface
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
DP83901A NSC-DP83901A Datasheet
705Kb / 62P
   Serial Network Interface Controller
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
   Network Interface
DS-20001 rev 09/22
logo
National Semiconductor ...
DP83902A NSC-DP83902A Datasheet
851Kb / 70P
   ST-NICTM Serial Network Interface Controller for Twisted Pair
logo
Bourns Electronic Solut...
7090 BOURNS-7090 Datasheet
460Kb / 2P
   Network Interface Device
7091 BOURNS-7091 Datasheet
393Kb / 2P
   Network Interface Device
7004 BOURNS-7004 Datasheet
487Kb / 2P
   Network Interface Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com