Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFL16030EN300200 Datasheet(PDF) 4 Page - TDK Electronics

Part # IFL16030EN300200
Description  Noise Suppression Sheets
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IFL16030EN300200 Datasheet(HTML) 4 Page - TDK Electronics

  IFL16030EN300200 Datasheet HTML 1Page - TDK Electronics IFL16030EN300200 Datasheet HTML 2Page - TDK Electronics IFL16030EN300200 Datasheet HTML 3Page - TDK Electronics IFL16030EN300200 Datasheet HTML 4Page - TDK Electronics IFL16030EN300200 Datasheet HTML 5Page - TDK Electronics IFL16030EN300200 Datasheet HTML 6Page - TDK Electronics IFL16030EN300200 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
(4/7)
20160708 / emc_noise-sheet_ifl_hybrid_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MAGNETIC SHEET
IFL Series Hybrid type (magnetic layer+conductive laye)
PART NUMBER CONSTRUCTION
STANDARD PART NUMBER LIST
IFL
16
-
030
E
B
300
×
200
Series name
Material
symbol
Magnetic sheet
thickness
(mm)
Surface state of the
surface film
Double-sided tape
thickness
(mm)
Length
(mm)
Width
(mm)
16
030
0.03
E
The surface of the
insulating layer
N
No
300
300
200
200
G
The surface of the
conductive layer
B0.01
Material
Standard
dimensionss
(mm)
Magnetic sheet
thickness
(mm)
Surface state of
the surface film
Part number
IFL16
300×200
0.03
Magnetic layer
IFL16-030EB300X200
Insulating layer
IFL16-030GB300X200
Double-sided
Width
Length
Conductive layer
 0.03mm
Insulating layer
 0.015mm
Magnetic sheet
Insulating layer 0.015mm
Conductive layer 0.03mm
Double-sided
Width
Length
Magnetic sheet
Surface film
Surface film


Similar Part No. - IFL16030EN300200

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IFL16-030RN1HRX300 TDK-IFL16-030RN1HRX300 Datasheet
143Kb / 8P
   Noise Suppression Sheets
IFL16-050RN1HRX300 TDK-IFL16-050RN1HRX300 Datasheet
143Kb / 8P
   Noise Suppression Sheets
More results

Similar Description - IFL16030EN300200

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IFL10M TDK-IFL10M Datasheet
143Kb / 8P
   Noise Suppression Sheets
logo
Okaya Electric America,...
REB473 OKAYA-REB473 Datasheet
307Kb / 1P
   NOISE SUPPRESSION CAPACITOR
LE103 OKAYA-LE103 Datasheet
334Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XE102-Z OKAYA-XE102-Z Datasheet
446Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PAB103 OKAYA-PAB103 Datasheet
272Kb / 1P
   NOISE SUPPRESSION CAPACITOR
YE102 OKAYA-YE102 Datasheet
322Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XYE-473472AN OKAYA-XYE-473472AN Datasheet
501Kb / 2P
   NOISE SUPPRESSION CAPACITOR
XYES-224332-BM OKAYA-XYES-224332-BM Datasheet
346Kb / 1P
   NOISE SUPPRESSION CAPACITOR
3XYG1003 OKAYA-3XYG1003 Datasheet
73Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PA103-L OKAYA-PA103-L_14 Datasheet
82Kb / 1P
   NOISE SUPPRESSION CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com