Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFL04 Datasheet(PDF) 7 Page - TDK Electronics

Part # IFL04
Description  Magnetic Sheets for RFID
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IFL04 Datasheet(HTML) 7 Page - TDK Electronics

  IFL04 Datasheet HTML 1Page - TDK Electronics IFL04 Datasheet HTML 2Page - TDK Electronics IFL04 Datasheet HTML 3Page - TDK Electronics IFL04 Datasheet HTML 4Page - TDK Electronics IFL04 Datasheet HTML 5Page - TDK Electronics IFL04 Datasheet HTML 6Page - TDK Electronics IFL04 Datasheet HTML 7Page - TDK Electronics IFL04 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
(7/8)
20160609 / magnetic-sheet_rfid_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MAGNETIC SHEET
IBF Series
MATERIAL CHARACTERISTIC
STANDARD PART NUMBER LIST
IBF
15
100
D
D
125
×
125
Series name
Material
symbol
Magnetic material
thickness
(mm)
Surface film
thickness
(mm)
Double-sided tape
thickness
(mm)
Length
(m)
Width
(mm)
15
100
0.10
D
0.03
D
0.03
125
125
125
125
180
0.18
Material
Standard dimensions
(mm)
Thickness
(mm)
Part number
IBF15
125×125
0.1
IBF15-100DD125X125
0.18
IBF15-180DD125X125
Magnetic sheet
Surface film
Double-sided
Release liner
Width
Length


Similar Part No. - IFL04

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IFL04-050NB300X200 TDK-IFL04-050NB300X200 Datasheet
64Kb / 1P
   Wireless Power Transfer / NFC Antennas Low Loss Sheets (Shield)
IFL04-050RN1HRX300 TDK-IFL04-050RN1HRX300 Datasheet
64Kb / 1P
   Wireless Power Transfer / NFC Antennas Low Loss Sheets (Shield)
IFL04-100NB300X200 TDK-IFL04-100NB300X200 Datasheet
64Kb / 1P
   Wireless Power Transfer / NFC Antennas Low Loss Sheets (Shield)
IFL04-100RN1HRX300 TDK-IFL04-100RN1HRX300 Datasheet
64Kb / 1P
   Wireless Power Transfer / NFC Antennas Low Loss Sheets (Shield)
IFL04-200NB300X200 TDK-IFL04-200NB300X200 Datasheet
64Kb / 1P
   Wireless Power Transfer / NFC Antennas Low Loss Sheets (Shield)
More results

Similar Description - IFL04

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IFQ06 TDK-IFQ06 Datasheet
478Kb / 6P
   Magnetic Sheets for RFID
Ver.5.0 May. 2023
IRLG5AB300X200X0.5 TDK-IRLG5AB300X200X0.5 Datasheet
47Kb / 3P
   Magnetic Sheets for RFID Flexield
logo
Kemet Corporation
M4100-240X240T0800 KEMET-M4100-240X240T0800 Datasheet
520Kb / 10P
   Magnetic Sheet for RFID
logo
NIHON DEMPA KOGYO
WF999A0953CG NDK-WF999A0953CG Datasheet
88Kb / 1P
   SAW Filter for RFID For RFID (3-MHz Band)
logo
TDK Electronics
IFL10M TDK-IFL10M Datasheet
143Kb / 8P
   Noise Suppression Sheets
logo
M/A-COM Technology Solu...
MASY-007028-000100 MA-COM-MASY-007028-000100 Datasheet
157Kb / 12P
   Synthesizer, SMT for RFID
logo
Panasonic Semiconductor
EYGS182310XX PANASONIC-EYGS182310XX Datasheet
135Kb / 4P
   ?쏱GS??Graphite Sheets
logo
TDK Electronics
IFL16 TDK-IFL16 Datasheet
140Kb / 7P
   Noise Suppression Sheets
logo
Molex Electronics Ltd.
638668000 MOLEX-638668000 Datasheet
159Kb / 5P
   FineAdjust Applicator Specification Sheets
06-02-05
logo
T-Global Technology
T69-25 TGLOBAL-T69-25 Datasheet
817Kb / 2P
   T69-25 Graphite Sheets
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com