Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75183DE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75183DE4
Description  DUAL DIFFERENTIAL LINE DRIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75183DE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN75183DE4 Datasheet HTML 1Page - Texas Instruments SN75183DE4 Datasheet HTML 2Page - Texas Instruments SN75183DE4 Datasheet HTML 3Page - Texas Instruments SN75183DE4 Datasheet HTML 4Page - Texas Instruments SN75183DE4 Datasheet HTML 5Page - Texas Instruments SN75183DE4 Datasheet HTML 6Page - Texas Instruments SN75183DE4 Datasheet HTML 7Page - Texas Instruments SN75183DE4 Datasheet HTML 8Page - Texas Instruments SN75183DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DS8830, SN55183, SN75183
DUAL DIFFERENTIAL LINE DRIVERS
SLLS093D – OCTOBER 1972 – REVISED APRIL 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of VCC and operating free-air temperature
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High level output voltage
Y (AND) outputs
VIH =2V
IOH = –0.8 mA
2.4
V
VOH
High-level output voltage
Y (AND) outputs
VIH = 2 V
IOH = –40 mA
1.8
3.3
V
VOL
Low level output voltage
Y (AND) outputs
VIL =0 8V
IOL = 32 mA
0.2
V
VOL
Low-level output voltage
Y (AND) outputs
VIL = 0.8 V
IOL = 40 mA
0.22
0.4
V
VOH
High level output voltage
Z (NAND) outputs
VIL =0 8V
IOH = –0.8 mA
2.4
V
VOH
High-level output voltage
Z (NAND) outputs
VIL = 0.8 V
IOH = –40 mA
1.8
3.3
V
VOL
Low level output voltage
Z (NAND) outputs
VIH =2V
IOL = 32 mA
0.2
V
VOL
Low-level output voltage
Z (NAND) outputs
VIH = 2 V
IOL = 40 mA
0.22
0.4
V
IIH
High-level input current
VIH = 2.4 V
120
µA
II
Input current at maximum input voltage
VIH = 5.5 V
2
mA
IIL
Low-level input current
VIL = 0.4 V
–4.8
mA
IOS
Short-circuit output current‡
VCC = 5 V,
TA =125°C§
–40
–100
–120
mA
ICC
Supply current (average per driver)
VCC = 5 V,
All inputs at 5 V,
No load
10
18
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted to ground at a time, and duration of the short circuit should not exceed one second.
§ TA = 125°C is applicable to SN55183 only.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level Y output
AND gates
CL = 15 pF,
See FIgure 1(a)
8
12
ns
tPHL
Propagation delay time, high- to low-level Y output
AND gates
CL = 15 pF,
See FIgure 1(a)
12
18
ns
tPLH
Propagation delay time, low- to high-level Z output
NAND gates
CL = 15 pF,
See FIgure 1(a)
6
12
ns
tPHL
Propagation delay time, high- to low-level Z output
NAND gates
CL = 15 pF,
See FIgure 1(a)
6
8
ns
tPLH
Propagation delay time,
low- to high-level differential output
Y output with respect to Z output,
RL = 100 Ω in series with 5000 pF,
See Figure 1(b)
9
16
ns
tPHL
Propagation delay time,
high- to low-level differential output
Y output with respect to Z output,
RL = 100 Ω in series with 5000 pF,
See Figure 1(b)
8
16
ns


Similar Part No. - SN75183DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75183D TI-SN75183D Datasheet
153Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN75183DR TI-SN75183DR Datasheet
153Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75183DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ55113 TI-SNJ55113 Datasheet
228Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
[Old version datasheet]   Dual differential line drivers
DS8830 TI-DS8830 Datasheet
153Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI-SN55114 Datasheet
490Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
National Semiconductor ...
DS75114 NSC-DS75114 Datasheet
135Kb / 6P
   Dual Differential Line Drivers
logo
Texas Instruments
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com