Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ABT543 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54ABT543
Description  COTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ABT543 Datasheet(HTML) 5 Page - Texas Instruments

  SN54ABT543 Datasheet HTML 1Page - Texas Instruments SN54ABT543 Datasheet HTML 2Page - Texas Instruments SN54ABT543 Datasheet HTML 3Page - Texas Instruments SN54ABT543 Datasheet HTML 4Page - Texas Instruments SN54ABT543 Datasheet HTML 5Page - Texas Instruments SN54ABT543 Datasheet HTML 6Page - Texas Instruments SN54ABT543 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN54ABT543, SN74ABT543
OCTAL REGISTERED TRANSCEIVERS
WITH 3STATE OUTPUTS
SCBS157A − JANUARY 1991 − REVISED JULY 1994
2−5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C
SN54ABT543
SN74ABT543
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, LEAB or LEBA low
3.5
3.5
3.5
ns
Data before LEAB or LEBA
High
3.5
3.5
3.5
tsu
Setup time
Data before LEAB or LEBA
Low
3
3
3
ns
tsu
Setup time
Data before CEAB or CEBA
High
3.5
3.5
3.5
ns
Data before CEAB or CEBA
Low
3
3
3
th
Hold time
Data after LEAB or LEBA
1†
1†
1†
ns
th
Hold time
Data after CEAB or CEBA
1†
1†
1†
ns
† This data sheet limit may vary among suppliers.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT543
SN74ABT543
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A or B
B or A
1.9
4.4
5.9
1.9
1.9
6.9
ns
tPHL
A or B
B or A
1.9
4.4
5.9
1.9
1.9
6.9
ns
tPLH
LEBA or LEAB
A or B
1.6
4.1
5.6
1.6
1.6
6.6
ns
tPHL
LEBA or LEAB
A or B
2.1
4.6
6.1
2.1
2.1
7.1
ns
tPZH
OEBA or OEAB
A or B
1.4
3.9
5.4
1.4
1.4
6.4
ns
tPZL
OEBA or OEAB
A or B
2.5
5
6.5
2.5
2.5
7.5
ns
tPHZ
OEBA or OEAB
A or B
2.5†
5.9
7.4
2.5†
2.5†
8.4
ns
tPLZ
OEBA or OEAB
A or B
3
5.5
7
3
3
8
ns
tPZH
CEBA or CEAB
A or B
1.4
3.9
5.4
1.4
1.4
6.4
ns
tPZL
CEBA or CEAB
A or B
2.5
5
6.5
2.5
2.5
7.5
ns
tPHZ
CEBA or CEAB
A or B
3.2†
5.9
7.4
3.2†
3.2†
8.4
ns
tPLZ
CEBA or CEAB
A or B
3
5.5
7
3
3
8
ns
† This data sheet limit may vary among suppliers.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54ABT543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT543 TI1-SN54ABT543 Datasheet
140Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A Datasheet
485Kb / 21P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A Datasheet
606Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543AFK TI-SN54ABT543AFK Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ABT543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT544 TI-SN54BCT544 Datasheet
89Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A Datasheet
450Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_07 Datasheet
485Kb / 21P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT543 TI-SN54BCT543_08 Datasheet
447Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_08 Datasheet
606Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT543 TI-SN74BCT543 Datasheet
303Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_07 Datasheet
498Kb / 23P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543 TI1-SN54ABT543 Datasheet
140Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_08 Datasheet
621Kb / 22P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com