Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN78L06 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AN78L06
Description  3-pin positive output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN78L06 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AN78L06 Datasheet HTML 4Page - Panasonic Semiconductor AN78L06 Datasheet HTML 5Page - Panasonic Semiconductor AN78L06 Datasheet HTML 6Page - Panasonic Semiconductor AN78L06 Datasheet HTML 7Page - Panasonic Semiconductor AN78L06 Datasheet HTML 8Page - Panasonic Semiconductor AN78L06 Datasheet HTML 9Page - Panasonic Semiconductor AN78L06 Datasheet HTML 10Page - Panasonic Semiconductor AN78L06 Datasheet HTML 11Page - Panasonic Semiconductor AN78L06 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AN78Lxx/AN78LxxM Series
10
SFF00005CEB
I Usage Notes
1. Cautions for a basic circuit
CI: When a wiring from a smoothing circuit to a three-pin regulator
is long, it is likely to oscillate at output. A capacitor of 0.1
µF to
0.47
µF should be connected near an input pin.
CO: When any sudden change of load current is likely to occur,
connect an electrolytic capacitor of 10
µF to 100µF to improve a
transitional response of output voltage.
Di: Normally unnecessary. But add it in the case that there is a
residual voltage at the output capacitor Co even after switching
off the supply power because a current is likely to flow into an
output pin of the IC and damage the IC.
2. Other caution items
1) Short-circuit between the input pin and GND pin
If the input pin is short-circuitted to GND or is cut
off when a large capacitance capacitor has been con-
nected to the IC's load, a voltage of a capacitor con-
nected to an output pin is applied between input/out-
put of the IC and this likely results in damage of the
IC. It is necessary, therefore, to connect a diode, as
shown in figure 2, to counter the reverse bias between
input/output pins.
2) Floating of GND pin
If a GND pin is made floating in an operating mode, an unstabilized input voltage is outputted. In this case, a
thermal protection circuit inside the IC does not normally operate. In this state, if the load is short-circuited or
overloaded, it is likely to damage the IC.
I Application Circuit Examples
Figure 1
CO
VO
CI
VI
Di
1
3
2
In
GND
Out
Figure 2
CO
出力
1
3
2
+
I Basic Regulator Circuit
CO
CI
Input
Output
AN78Lxx
12
3
CI is necessary when the input line is long.
CO improves the transient response.
VO
VO
0.33
µF
0.1
µF
VI
VI
IO
IBias
VO
= VO' + IBias +   R1
Note) VO varies due to sample to sample variation of IBias .
Never fail to adjust individually with R1 .
R2
VO'
20
Q1
AN78Lxx
AN78Lxx
1
3
2
1
2
3
R2
R1
VO'


Similar Part No. - AN78L06

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78L00M PANASONIC-AN78L00M Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
logo
List of Unclassifed Man...
AN78L05 ETC2-AN78L05 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN78L05M PANASONIC-AN78L05M Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
More results

Similar Description - AN78L06

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN77L05M-E1 PANASONIC-AN77L05M-E1 Datasheet
311Kb / 11P
   3-pin, positive output, low dropout voltage regulator (100 mA type)
AN79L07 PANASONIC-AN79L07 Datasheet
175Kb / 12P
   3-pin negative output voltage regulator (100 mA type)
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN80XX PANASONIC-AN80XX Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN77L04M-E1 PANASONIC-AN77L04M-E1 Datasheet
195Kb / 10P
   AN77Lxx/AN77LxxM Series 3-pin, positive output, low dropout voltage regulator (100 mA type)
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com