Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9314901Q2A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9314901Q2A
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9314901Q2A Datasheet(HTML) 5 Page - Texas Instruments

  5962-9314901Q2A Datasheet HTML 1Page - Texas Instruments 5962-9314901Q2A Datasheet HTML 2Page - Texas Instruments 5962-9314901Q2A Datasheet HTML 3Page - Texas Instruments 5962-9314901Q2A Datasheet HTML 4Page - Texas Instruments 5962-9314901Q2A Datasheet HTML 5Page - Texas Instruments 5962-9314901Q2A Datasheet HTML 6Page - Texas Instruments 5962-9314901Q2A Datasheet HTML 7Page - Texas Instruments 5962-9314901Q2A Datasheet HTML 8Page - Texas Instruments 5962-9314901Q2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SN54ABT374, SN74ABT374A
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCBS111G – FEBRUARY 1991 – REVISED JANUARY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN74ABT374A
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
fclock
Clock frequency
0
150
0
150
MHz
tw
Pulse duration
CLK high or low
3.3
3.3
ns
t
Setup time before CLK
Data high
1
1
ns
tsu
Setup time before CLK
Data low
1.9
1.9
ns
th
Hold time after CLK
Data high or low
2.1†
2.1†
ns
† This data sheet limit may vary among suppliers.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN54ABT374
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
fmax
150
200
150
MHz
tPLH
CLK
Q
2.2
4.2
5.7
1.8
6.6
ns
tPHL
CLK
Q
3.1
5.1
6.6
2.6
7.6
ns
tPZH
OE
Q
1.2
3.2
4.7
0.8
5.7
ns
tPZL
OE
Q
2.3
4.7
6.2
1.5
7.2
ns
tPHZ
OE
Q
2.3
4.5
6.1
1.3
7.2
ns
tPLZ
OE
Q
1.9
4.5
6
1
7
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN74ABT374A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
fmax
150
200
150
MHz
tPLH
CLK
Q
2.2
4.2
5.7
2.2
6.2
ns
tPHL
CLK
Q
3.1
5.1
6.6
3.1
7.1
ns
tPZH
OE
Q
1.2
3.2
4.7
1.2
5.2
ns
tPZL
OE
Q
2.7
4.7
6.2
2.7
6.7
ns
tPHZ
OE
Q
2.5
4.5
6
2.5
6.7†
ns
tPLZ
OE
Q
2
4.5
6
2
6.5
ns
† This data sheet limit may vary among suppliers.


Similar Part No. - 5962-9314901Q2A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5962-9314901 NSC-5962-9314901 Datasheet
147Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
More results

Similar Description - 5962-9314901Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com