Electronic Components Datasheet Search |
|
SMV320C6727B-SP Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SMV320C6727B-SP Datasheet(HTML) 1 Page - Texas Instruments |
1 / 112 page SMV320C6727B-SP www.ti.com SPRS675G – FEBRUARY 2013 – REVISED JANUARY 2014 Floating-Point Digital Signal Processor Check for Samples: SMV320C6727B-SP 1 Floating-Point Digital Signal Processor 1.1 Features 123 • 32- and 64-Bit 250-MHz Floating-Point DSPs • dMAX (Dual Data Movement Accelerator) Supports: • Single Event Latch-Up Immune to LET = 117 MeV cm2/mg – 16 Independent Channels • Radiation Tolerance: 100 kRad TID (Si) – Concurrent Processing of Two Transfer Requests • Upgrades to C67x+ CPU From C67x™ DSP Generation: – 1-, 2-, and 3-Dimensional Memory-to-Memory and Memory-to-Peripheral Data Transfers – 2X CPU Registers [64 General-Purpose] – Circular Addressing Where the Size of a – Compatible With the C67x CPU Circular Buffer (FIFO) is not Limited to 2n • Enhanced Memory System – Table-Based Multi-Tap Delay Read and Write – 256K-Byte Unified Program and Data RAM Transfers From and To a Circular Buffer – 384K-Byte Unified Program and Data ROM • Three Multichannel Serial Ports – Single-Cycle Data Access From CPU – Transmit and Receive Clocks up to 50 MHz – Large Program Cache (32K Byte) Supports – Six Clock Zones and 16 Serial Data Pins RAM, ROM, and External Memory • Universal Host-Port Interface (UHPI) • External Memory Interface (EMIF) Supports – 32-Bit-Wide Data Bus for High Bandwidth – 133-MHz SDRAM (16- or 32-Bit) – Muxed and Non-Muxed Address and Data – Asynchronous NOR Flash, SRAM (8-,16-, or • Two 10-MHz SPI Ports With 3-, 4-, and 5-Pin 32-Bit) Options – NAND Flash (8- or 16-Bit) • Two Inter-Integrated Circuit (I2C) Ports • Enhanced I/O System • Real-Time Interrupt Counter and Watchdog – High-Performance Crossbar Switch • Oscillator- and Software-Controlled PLL – Dedicated McASP DMA Bus • Available Temperature Ranges – Deterministic I/O Performance – M-Temp (–55°C to 125°C Tcase) – W-Temp (–55°C to 115°C Tcase) • 256-Pin, 0.5-mm, Ceramic Quad Flatpack (CQFP) [HFH Suffix] • Engineering Evaluation (/EM) Samples are Available (1) (1) These units are intended for engineering evaluation only. They are processed to a non-compliant flow (e.g. no burn-in, etc.) and are tested to temperature rating of 25°C only. These units are not suitable for qualification, production, radiation testing or flight use. Parts are not warranted for performance on full MIL specified temperature range of -55°C to 125°C or operating life. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 C67x, TMS320C6000, C6000, DSP/BIOS, XDS, TMS320 are trademarks of Texas Instruments. 3 Philips is a registered trademark of Koninklijki Philips Electronics N.V. PRODUCTION DATA information is current as of publication date. Products conform to Copyright © 2013–2014, Texas Instruments Incorporated specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - SMV320C6727B-SP |
|
Similar Description - SMV320C6727B-SP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |