Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN80XX Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. AN80XX
Description  3-pin, positive output, low dropout voltage regulator (50 mA type)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN80XX Datasheet(HTML) 4 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AN80xx/AN80xxM Series
4
SFF00007CEB
I Electrical Characteristics at Ta = 25°C (continued)
• AN8045, AN8045M (4.5V type)
• AN8005, AN8005M (5V type)
• AN8006, AN8006M (6V type)
VO
V
REGIN
mV
REGL
mV
mV
VDIF(min)
V
V
mA
IBias
dB
RR
µV
Vno
mV/
°C
∆VO/Ta
4.68
4.5
Tj
= 25°C
VI
= 5 to 10.5V, Tj = 25°C
35
IO
= 1 to 40mA, Tj = 25°C
0.07
VI
= 4.3V, IO = 20mA, Tj = 25°C
VI
= 4.3V, IO = 50mA, Tj = 25°C
IO
= 1 to 50mA, Tj = 25°C
0.7
IO
= 0mA, Tj = 25°C
VI
= 5.5 to 7.5V, f = 120Hz
0.23
f
= 10Hz to 100kHz
Tj
= −30 to +125°C
45
50
0.2
0.3
1
4.32
54
0.12
4
11
23
85
66
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Line regulation
Load regulation
Minimum input/output voltage difference
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 5.5V, IO = 20mA and CO = 10µF.
Bias current
Ripple rejection ratio
Output noise voltage
Output voltage temperature coefficient
Unit
VO
V
REGIN
mV
REGL
mV
mV
VDIF(min)
V
V
mA
IBias
dB
RR
µV
Vno
mV/
°C
∆VO/Ta
5.2
5
Tj
= 25°C
VI
= 5.5 to 11V, Tj = 25°C
40
IO
= 1 to 40mA, Tj = 25°C
0.07
VI
= 4.8V, IO = 20mA, Tj = 25°C
VI
= 4.8V, IO = 50mA, Tj = 25°C
IO
= 1 to 50mA, Tj = 25°C
0.7
IO
= 0mA, Tj = 25°C
VI
= 6 to 8V, f = 120Hz
0.25
f
= 10Hz to 100kHz
Tj
= −30 to +125°C
50
50
0.2
0.3
1
4.8
52
0.12
4.5
12
25
95
64
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Line regulation
Load regulation
Minimum input/output voltage difference
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 6V, IO = 20mA and CO = 10µF.
Bias current
Ripple rejection ratio
Output noise voltage
Output voltage temperature coefficient
Unit
VO
V
REGIN
mV
REGL
mV
mV
VDIF(min)
V
V
mA
IBias
dB
RR
µV
Vno
mV/
°C
∆VO/Ta
6.24
6
Tj
= 25°C
VI
= 6.5 to 12V, Tj = 25°C
45
IO
= 1 to 40mA, Tj = 25°C
0.07
VI
= 5.8V, IO = 20mA, Tj = 25°C
VI
= 5.8V, IO = 50mA, Tj = 25°C
IO
= 1 to 50mA, Tj = 25°C
0.7
IO
= 0mA, Tj = 25°C
VI
= 7 to 9V, f = 120Hz
0.3
f
= 10Hz to 100kHz
Tj
= −30 to +125°C
55
60
0.2
0.3
1.2
5.76
51
0.13
5.5
13
28
105
63
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Line regulation
Load regulation
Minimum input/output voltage difference
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 7V, IO = 20mA and CO = 10µF.
Bias current
Ripple rejection ratio
Output noise voltage
Output voltage temperature coefficient
Unit


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn