Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ320C40HFHM50 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SMJ320C40HFHM50
Description  DIGITAL SIGNAL PROCESSORS
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SMJ320C40HFHM50 Datasheet(HTML) 1 Page - Texas Instruments

  SMJ320C40HFHM50 Datasheet HTML 1Page - Texas Instruments SMJ320C40HFHM50 Datasheet HTML 2Page - Texas Instruments SMJ320C40HFHM50 Datasheet HTML 3Page - Texas Instruments SMJ320C40HFHM50 Datasheet HTML 4Page - Texas Instruments SMJ320C40HFHM50 Datasheet HTML 5Page - Texas Instruments SMJ320C40HFHM50 Datasheet HTML 6Page - Texas Instruments SMJ320C40HFHM50 Datasheet HTML 7Page - Texas Instruments SMJ320C40HFHM50 Datasheet HTML 8Page - Texas Instruments SMJ320C40HFHM50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H -- OCTOBER 1993 -- REVISED OCTOBER 2001
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
D
SMJ: QML Processing to MIL--PRF--38535
D
SM: Standard Processing
D
TMP: Commercial Level Processing TAB
D
Operating Temperature Ranges:
-- Military (M) --55°C to 125°C
-- Special (S) --55°C to 100°C
-- Commercial (C) --25°Cto85°C
-- Commercial (L) 0°Cto70°C
D
Highest Performance Floating-Point Digital
Signal Processor (DSP)
-- C40-60:
33-ns Instruction Cycle Time:
60 MFLOPS, 30 MIPS, 330 MOPS,
384 MBps
-- C40-50:
40-ns Instruction Cycle Time:
50 MFLOPS, 25 MIPS, 275 MOPS,
320 MBps
-- C40-40:
50-ns Instruction Cycle Time:
40 MFLOPS, 20 MIPS, 220 MOPS,
256 MBps
D
Six Communications Ports
D
6-Channel Direct Memory Access (DMA)
Coprocessor
D
Single-Cycle Conversion to and From
IEEE-745 Floating-Point Format
D
SingleCycle1/x,1/
D
Source-Code Compatible With SMJ320C30
D
Validated Ada Compiler
D
Single-Cycle 40-Bit Floating-Point,
32-Bit Integer Multipliers
D
12 40-Bit Registers, 8 Auxiliary Registers,
14 Control Registers, and 2 Timers
D
IEEE Standard 1149.1Test-Access Port
(JTAG)
D
Two Identical External Data and Address
Buses Supporting Shared Memory Systems
and High Data-Rate, Single-Cycle
Transfers:
-- High Port-Data Rate of 100 MBytes/s
(Each Bus)
-- 16G-Byte Continuous
Program/Data/Peripheral Address Space
-- Memory-Access Request for Fast,
Intelligent Bus Arbitration
-- Separate Address-, Data-, and
Control-Enable Pins
-- Four Sets of Memory-Control Signals
Support Different Speed Memories in
Hardware
D
Packaging:
-- 325-Pin Ceramic Grid Array (GF Suffix)
-- 352-Lead Ceramic Quad Flatpack
(HFH Suffix)
-- 324-Pad JEDEC-Standard TAB Frame
D
Fabricated Using Enhanced Performance
Implanted CMOS (EPIC™) Technology by
Texas Instruments (TI™)
D
Separate Internal Program, Data, and DMA
Coprocessor Buses for Support of Massive
Concurrent Input/Output (I/O) of Program
and Data Throughput, Maximizing
Sustained Central Processing Unit (CPU)
Performance
D
On-Chip Program Cache and
Dual-Access/Single-Cycle RAM for
Increased Memory-Access Performance
-- 512-Byte Instruction Cache
-- 8K Bytes of Single-Cycle Dual-Access
Program or Data RAM
-- ROM-Based Bootloader Supports
Program Bootup Using 8-, 16-, or 32-Bit
Memories Over Any One of the
Communications Ports
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001, Texas Instruments Incorporated
x
IEEE Standard 1149.1-1990, IEEE Standard Test-Access Port and Boundary-Scan Architecture.
EPIC and TI are trademarks of Texas Instruments Incorporated.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SMJ320C40HFHM50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C40HFHM50 TI-SMJ320C40HFHM50 Datasheet
1Mb / 64P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - SMJ320C40HFHM50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com