Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN78LXX Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. AN78LXX
Description  3-pin positive output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN78LXX Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN78LXX Datasheet HTML 1Page - Panasonic Semiconductor AN78LXX Datasheet HTML 2Page - Panasonic Semiconductor AN78LXX Datasheet HTML 3Page - Panasonic Semiconductor AN78LXX Datasheet HTML 4Page - Panasonic Semiconductor AN78LXX Datasheet HTML 5Page - Panasonic Semiconductor AN78LXX Datasheet HTML 6Page - Panasonic Semiconductor AN78LXX Datasheet HTML 7Page - Panasonic Semiconductor AN78LXX Datasheet HTML 8Page - Panasonic Semiconductor AN78LXX Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AN78Lxx/AN78LxxM Series
2
SFF00005CEB
I Absolute Maximum Ratings at Ta = 25°C
I Electrical Characteristics at Ta = 25°C
• AN78L04, AN78L04M (4V type)
VI
PD
Topr
Tstg
V
V
mW
°C
°C
35 *1
40 *2
650 *3
−30 to +80
−55 to +150
−55 to +125
Input voltage
Power dissipation
Operating ambient temperature
Storage temperature
AN78Lxx series
AN78LxxM series
*1 AN78L04/M, AN78L05/M, AN78L06/M, AN78L07/M, AN78L08/M, AN78L09/M, AN78L10/M, AN78L12/M, AN78L15/M
*2 AN78L18/M, AN78L20/M, AN78L24/M
*3 Follow the derating curve. When Tj exceeds 150
°C, the internal circuit cuts off the output.
AN78LxxM series is mounted on a standard board (glass epoxy: 20mm
× 20mm × t1.7mm with Cu foil of 1cm2 or more).
Parameter
Symbol
Rating
Unit
VO
4.16
V
4
Tj
= 25°C
VO
V
VI
= 6.5 to 19V, IO = 1 to 70mA
REGIN
145
mV
50
VI
= 6.5 to 19V, Tj = 25°C
mV
REGL
mV
10
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= 7 to 19V, Tj = 25°C
mA
2
Tj
= 25°C
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 9V, IO = 40mA, CI = 0.33µF, CO = 0.1µF, Tj = 0 to 125°C (AN78L04) and Tj = 0 to 100°C
(AN78L04M)
40
IBias
mA
VI
= 7 to 19V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
40
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz
1
0.1
95
4.2
55
30
3
48
3.84
3.8
RR
VI
= 7 to 17V, IO = 40mA, f = 120Hz
V
1.7
Tj
= 25°C
VDIF(min)
mA
140
IO(Short)
mV/
°C
− 0.6
Tj
= 25°C, VI = 35V
4.5
58
∆VO/Ta
IO
= 5mA, Tj = 0 to 125°C
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Parameter
Symbol
Conditions
Min
Typ
Max
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn