Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN78LXX Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part No. AN78LXX
Description  3-pin positive output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN78LXX Datasheet(HTML) 10 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AN78Lxx/AN78LxxM Series
10
SFF00005CEB
I Usage Notes
1. Cautions for a basic circuit
CI: When a wiring from a smoothing circuit to a three-pin regulator
is long, it is likely to oscillate at output. A capacitor of 0.1
µF to
0.47
µF should be connected near an input pin.
CO: When any sudden change of load current is likely to occur,
connect an electrolytic capacitor of 10
µF to 100µF to improve a
transitional response of output voltage.
Di: Normally unnecessary. But add it in the case that there is a
residual voltage at the output capacitor Co even after switching
off the supply power because a current is likely to flow into an
output pin of the IC and damage the IC.
2. Other caution items
1) Short-circuit between the input pin and GND pin
If the input pin is short-circuitted to GND or is cut
off when a large capacitance capacitor has been con-
nected to the IC's load, a voltage of a capacitor con-
nected to an output pin is applied between input/out-
put of the IC and this likely results in damage of the
IC. It is necessary, therefore, to connect a diode, as
shown in figure 2, to counter the reverse bias between
input/output pins.
2) Floating of GND pin
If a GND pin is made floating in an operating mode, an unstabilized input voltage is outputted. In this case, a
thermal protection circuit inside the IC does not normally operate. In this state, if the load is short-circuited or
overloaded, it is likely to damage the IC.
I Application Circuit Examples
Figure 1
CO
VO
CI
VI
Di
1
3
2
In
GND
Out
Figure 2
CO
出力
1
3
2
+
I Basic Regulator Circuit
CO
CI
Input
Output
AN78Lxx
12
3
CI is necessary when the input line is long.
CO improves the transient response.
VO
VO
0.33
µF
0.1
µF
VI
VI
IO
IBias
VO
= VO' + IBias +   R1
Note) VO varies due to sample to sample variation of IBias .
Never fail to adjust individually with R1 .
R2
VO'
20
Q1
AN78Lxx
AN78Lxx
1
3
2
1
2
3
R2
R1
VO'


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn