Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN78LXX Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN78LXX
Description  3-pin positive output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN78LXX Datasheet(HTML) 1 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Voltage Regulators
1
Publication date: Jaunuary 2002
SFF00005CEB
AN78Lxx/AN78LxxM Series
3-pin positive output voltage regulator (100 mA type)
I Overview
The AN78Lxx series and the AN78LxxM series are 3-
pin fixed positive output type monolithic voltage regula-
tor.
A stabilized fixed output voltage is obtained from an
unstable DC input voltage without using any external
parts. 12 types of fixed output voltage are available; 4V,
5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V and 24V.
They can be used widely as power circuits with a current
capacity of up to 100mA.
I Features
• No external components
• Output voltage: 4V, 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V,
18V, 20V, 24V
• Built-in overcurrent limit circuit
• Built-in thermal overload protection circuit
SSIP003-P-0000
AN78Lxx series
Unit: mm
AN78LxxM series
Unit: mm
I Block Diagram (AN78Lxx series)
1: Output
2: Common
3: Input
1: Input
2: Output
3: Common
HSIP003-P-0000B
5.0±0.2
4.0±0.2
2.3±0.2
0.6±0.15
0.43+0.1
–0.05
2.54
0.43+0.1
–0.05
21
3
1.6 max.
1.8 max.
4.6 max.
3.0
1.5
1.5
32
1
0.48 max.
0.58 max.
0.44 max.
1
2
3
Input
(3)
Pass Tr
Output
(1)
Common
(2)
Starter
Voltage
Reference
Current
Source
Error Amp.
+
Thermal
Protection
Q1
RSC
R2
R1
Current
Limiter
Note) The number in ( ) shows the pin number for the AN78LxxM series.
Note) The packages (SSIP003-P-0000 and HSIP003-
P-0000B) of this product will be changed to
lead-free type (SSIP003-P-0000S and
HSIP003-P-0000Q). See the new package di-
mensions section later of this datasheet.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn