Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN78LXX Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part No. AN78LXX
Description  3-pin positive output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN78LXX Datasheet(HTML) 9 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AN78Lxx/AN78LxxM Series
9
SFF00005CEB
I Main Characteristics
100
80
60
40
20
0
10
100
AN78L05
VI
= 8 to 18V
IO
= 40mA
1k
10k
100k
Frequency f (Hz)
RR
 f
024
AN78L05
68
10
Time t (
µs)
10
0
−10
−20
20
15
10
5
010
20
AN78L05
30
40
50
1
0
−1
−2
0.2
0.1
0
IBias
 Ta
3.0
2.5
2.0
1.5
1.0
0.5
0
−25
0
25
50
75
100
125
VIN
= 28V
10V
18V
AN78L05
IO
= 5mA
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80 100 120 140 160
PD
 Ta (AN78Lxx series)
2.5
2.0
1.5
1.0
0.5
0
0
25
50
75
100
125
VDIF(min)
 Tj
IO
= 100mA
70mA
40mA
1mA
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80 100 120 140 160
PD
 Ta (AN78LxxM series)
Ambient temperature T
a (°C)
Ambient temperature T
a (°C)
Ambient temperature T
a (°C)
Independent IC
without a heat sink
Rth(j-a)
= 190°C/W
PD
= 658mW (25°C)
Mounted on standard board
(glass epoxy: 20mm
× 20mm × t1.7mm
with Cu foil of 1cm2 or more)
Junction temperature Tj (
°C)
Input transient response
Time t (
µs)
Load transient response


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn